Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G474VBH6 Arkusz danych(PDF) 177 Page - STMicroelectronics

Numer części STM32G474VBH6
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VBH6 Arkusz danych(HTML) 177 Page - STMicroelectronics

Back Button STM32G474VBH6 Datasheet HTML 173Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 174Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 175Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 176Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 177Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 178Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 179Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 180Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 232 page
background image
DS12288 Rev 1
177/232
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
I2S characteristics
Unless otherwise specified, the parameters given in Table 90 for I2S are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 17: General operating conditions, with the following
configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C=30pF
•
Measurement points are done at CMOS levels: 0.5 VDD
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (CK,SD,WS).
Note:
Refer to the reference manual RM0440 "STM32G4 Series advanced Arm®-based 32-bit
MCUs" I2S section for more details about the sampling frequency (Fs), fMCK, fCK, DCK
values reflect only the digital peripheral behavior, source clock precision might slightly
change the values DCK depends mainly on ODD bit value. Digital contribution leads to a min
of (I2SDIV/(2*I2SDIV+ODD) and a max (I2SDIV+ODD)/(2*I2SDIV+ODD) and Fs max
supported for each mode/condition.
Table 90. I2S characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Uni
t
fMCLK
I2S Main clock
output
-
256x8
K
256
*Fs(2)
MH
z
fCK
I2S clock frequency
Master data
-
64xFs
MH
z
Slave data
-
64xFs
DCK
I2S clock frequency
duty cycle
Slave receiver
30
70
%
tv(WS)
WS valid time
Master mode
-
6
ns
th(WS)
WS hold time
Master mode
3
-
Slave mode
2
-
tsu(WS)
WS setup time
Slave mode
4
-
tsu(SD_MR) Data input setup
time
Master receiver
3
-
tsu(SD_SR)
Slave receiver
4
-
th(SD_MR)
Data input hold time
Master receiver
4
-
th(SD_SR)
Slave receiver
2
-
tv(SD_ST)
Data output valid
time
Slave transmitter (after
enable edge)
2.7 V ≤ VDD ≤ 3.6 V
-
15
1.65 V ≤ VDD ≤ 3.6 V
-
22
tv(SD_MT)
Master transmitter (after enable edge)
-
3
th(SD_ST) Data output hold
time
Slave transmitter (after enable edge)
7
-
th(SD_MT)
Master transmitter (after enable edge)
1
-
1. Guaranteed by characterization results, not tested in production.
2. 256xFs maximum is 49.152 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com