| Zakładka z wyszukiwarką danych komponentów |
|
STM32H523CEU6 Arkusz danych(PDF) 188 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H523CEU6 Arkusz danych(HTML) 188 Page - STMicroelectronics |
|
188 / 228 page ![]() Electrical characteristics STM32H523xx 188/228 DS14540 Rev 1 Figure 49. SPI timing diagram - Master mode 1. The SS input can be configured to active low or active high. Figure 50. SPI timing diagram - Slave mode and CPHA = 0 2. When using PB13. 3. Maximum frequency in slave transmitter mode is determined by the sum of tv(SO) and tsu(MI) which must fit into SCK low or high phase preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a master having tsu(MI) = 0 while Duty(SCK) = 50%. 4. When using PB14. 5. tSCK = tker_ck * Baud rate prescaler. MSv69586V2 th(MI) tc(SCK) tw(SCKH) tw(SCKL) SS input (1) CPHA=0 CPOL=0 CPHA=0 CPOL=1 MOSI output MISO input First bit OUT Last bit OUT Next bits OUT First bit IN Last bit IN Next bits IN CPHA=1 CPOL=0 CPHA=1 CPOL=1 High tv(MO) th(MO) tsu(MI) MSv41658V1 NSS input CPHA=0 CPOL=0 CPHA=0 CPOL=1 MISO output MOSI input tsu(SI) th(SI) tw(SCKL) tw(SCKH) tc(SCK) tr(SCK) th(NSS) tdis(SO) tsu(NSS) ta(SO) tv(SO) Next bits IN Last bit OUT First bit IN First bit OUT Next bits OUT th(SO) tf(SCK) Last bit IN |