Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC9237A0CDML Arkusz danych(PDF) 14 Page - Torex Semiconductor

Numer części XC9237A0CDML
Szczegółowy opis  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237A0CDML Arkusz danych(HTML) 14 Page - Torex Semiconductor

Back Button XC9237A0CDML Datasheet HTML 10Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 11Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 12Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 13Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 14Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 15Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 16Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 17Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14/28
XC9235/XC9236/XC9237 Series
■NOTE ON USE
1. The XC9235/XC9236/XC9237 series is designed for use with ceramic output capacitors. If, however, the potential
difference is too large between the input voltage and the output voltage, a ceramic capacitor may fail to absorb the resulting
high switching energy and oscillation could occur on the output. If the input-output potential difference is large, connect an
electrolytic capacitor in parallel to compensate for insufficient capacitance.
2. Spike noise and ripple voltage arise in a switching regulator as with a DC/DC converter. These are greatly influenced by
external component selection, such as the coil inductance, capacitance values, and board layout of external components.
Once the design has been completed, verification with actual components should be done.
3. Depending on the input-output voltage differential, or load current, some pulses may be skipped, and the ripple voltage may
increase.
4. When the difference between VIN and VOUT is large in PWM control, very narrow pulses will be outputted, and there is the
possibility that some cycles may be skipped completely.
5. When the difference between VIN and VOUT is small, and the load current is heavy, very wide pulses will be outputted and
there is the possibility that some cycles may be skipped completely.
6. With the IC, the peak current of the coil is controlled by the current limit circuit. Since the peak current increases when
dropout voltage or load current is high, current limit starts operation, and this can lead to instability. When peak current
becomes high, please adjust the coil inductance value and fully check the circuit operation. In addition, please calculate
the peak current according to the following formula:
Ipk = (VIN - VOUT) x OnDuty / (2 x L x FOSC) + IOUT
L: Coil Inductance Value
FOSC: Oscillation Frequency
7. When the peak current which exceeds limit current flows within the specified time, the built-in P-ch driver transistor turns off.
During the time until it detects limit current and before the built-in transistor can be turned off, the current for limit current
flows; therefore, care must be taken when selecting the rating for the external components such as a coil.
8. When VIN is less than 2.4V, limit current may not be reached because voltage falls caused by ON resistance.
9. Care must be taken when laying out the PC Board, in order to prevent misoperation of the current limit mode. Depending
on the state of the PC Board, latch time may become longer and latch operation may not work. In order to avoid the effect of
noise, the board should be laid out so that input capacitors are placed as close to the IC as possible.
10. Use of the IC at voltages below the recommended voltage range may lead to instability.
11. This IC should be used within the stated absolute maximum ratings in order to prevent damage to the device.
12. When the IC is used in high temperature, output voltage may increase up to input voltage level at no load because of the
leak current of the driver transistor.
13. The current limit is set to 1350mA (MAX.) at typical. However, the current of 1350mA or more may flow. In case that the
current limit functions while the VOUT pin is shorted to the GND pin, when P-ch MOSFET is ON, the potential difference for
input voltage will occur at both ends of a coil. For this, the time rate of coil current becomes large. By contrast, when
N-ch MOSFET is ON, there is almost no potential difference at both ends of the coil since the VOUT pin is shorted to the
GND pin. Consequently, the time rate of coil current becomes quite small. According to the repetition of this operation,
and the delay time of the circuit, coil current will be converged on a certain current value, exceeding the amount of current,
which is supposed to be limited originally. Even in this case, however, after the over current state continues for several
ms, the circuit will be latched. A coil should be used within the stated absolute maximum rating in order to prevent
damage to the device.
①Current flows into P-ch MOSFET to reach the current limit (ILIM).
②The current of ILIM or more flows since the delay time of the circuit occurs during from the detection of the current limit to
OFF of P-ch MOSFET.
③Because of no potential difference at both ends of the coil, the time rate of coil current becomes quite small.
④Lx oscillates very narrow pulses by the current limit for several ms.
⑤The circuit is latched, stopping its operation.
LX
ILX
ILIM
Limit >
# mS
①
②
③
④
⑤
Delay
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com