Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC9237A0CDML Arkusz danych(PDF) 27 Page - Torex Semiconductor

Numer części XC9237A0CDML
Szczegółowy opis  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237A0CDML Arkusz danych(HTML) 27 Page - Torex Semiconductor

Back Button XC9237A0CDML Datasheet HTML 20Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 21Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 22Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 23Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 24Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 25Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 26Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 27Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 28Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
27/28
XC9235/XC9236/XC9237
Series
①Represent product series
MARK
PRODUCT SERIES
4
XC9235A
5
XC9236A
6
XC9237A
C
XC9235B
D
XC9236B
E
XC9237B
K
XC9235C
L
XC9236C
M
XC9237C
②Represents integer number of output voltage and oscillation frequency
MARK
OUTPUT
VOLTAGE (V)
FOSC =1.2MHz
FOSC =3.0MHz
0.X
A
F
1.X
B
H
2.X
C
K
3.X
D
L
4.X
E
M
③Represents decimal point of output voltage
OUTPUT
VOLTAGE (V)
MARK
OUTPUT
VOLTAGE (V)
MARK
X.00
0
X.05
A
X.10
1
X.15
B
X.20
2
X.25
C
X.30
3
X.35
D
X.40
4
X.45
E
X.50
5
X.55
F
X.60
6
X.65
H
X.70
7
X.75
K
X.80
8
X.85
L
X.90
9
X.95
M
④⑤Represents production lot number
Order of 01, …09, 10, 11, …99, 0A, …0Z, 1A, …9Z, A0, …Z9, AA, …ZZ.
(G, I, J, O, Q, W excepted)
*No character inversion used.
■MARKING RULE
●SOT-25 & USP-6C
SOT-25
(TOP VIEW)
USP-6C
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com