Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC9237A0CDML Arkusz danych(PDF) 5 Page - Torex Semiconductor

Numer części XC9237A0CDML
Szczegółowy opis  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237A0CDML Arkusz danych(HTML) 5 Page - Torex Semiconductor

  XC9237A0CDML Datasheet HTML 1Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 2Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 3Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 4Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 5Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 6Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 7Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 8Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5/28
XC9235/XC9236/XC9237
Series
XC9237A18Dxx, VOUT=1.8V, FOSC=3.0MHz, Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNIT CIRCUIT
Output Voltage
VOUT
When connected to external components,
VIN=VCE=5.0V, IOUT=30mA
1.764 1.800 1.836
V
①
Operating Voltage Range
VIN
2.0
-
6.0
V
①
Maximum Output Current
IOUTMAX
VIN=VOUT(E)+2.0V, VCE=1.0V,
When connected to external components
(*9)
600
-
-
mA
①
U.V.L.O. Voltage
VUVLO
VCE=VIN, VOUT=0V,
Voltage which Lx pin holding “L” level
(*1,*11)
1.00
1.40
1.78
V
③
Supply Current
IDD
VIN=VCE=5.0V, VOUT=VOUT(E)×1.1V
-
21
35
μA
②
Stand-by Current
ISTB
VIN=5.0V, VCE=0V, VOUT=VOUT(E)×1.1V
-
0
1.0
μA
②
Oscillation Frequency
FOSC
When connected to external components,
VIN=VOUT(E)+2.0V, VCE=1.0V, IOUT=100mA
2550
3000
3450
kHz
①
PFM Switching Current
IPFM
When connected to external components,
VIN=VOUT(E)+2.0V, VCE=VIN, IOUT=1mA
(*12)
170
220
270
mA
①
Maximum IPFM Limit
MAXIPFM
VCE=VIN=(C-1), IOUT=1mA
(*12)
-
200
300
%
①
Maximum Duty Cycle
MAXDTY
VIN=VCE=5.0V, VOUT=VOUT(E)×0.9V
100
-
-
%
③
Minimum Duty Cycle
MINDTY
VIN=VCE=5.0V, VOUT=VOUT(E)×0.1V
-
-
0
%
③
Efficiency
EFFI
When connected to external components,
VCE=VIN=VOUT(E)+1.2V, IOUT=100mA
-
86
-
%
①
Lx SW "H" ON Resistance 1
RLxH
VIN=VCE=5.0V, VOUT =0V, ILx=100mA
(*3)
-
0.35
0.55
Ω
④
Lx SW "H" ON Resistance 2
RLxH
VIN=VCE=3.6V, VOUT =0V, ILx=100mA
(*3)
-
0.42
0.67
Ω
④
Lx SW "L" ON Resistance 1
RLxL
VIN=VCE=5.0V
(*4)
-
0.45
0.66
Ω
-
Lx SW "L" ON Resistance 2
RLxL
VIN=VCE=3.6V
(*4)
-
0.52
0.77
Ω
-
Lx SW "H" Leak Current
(*5)
ILeakH
VIN=VOUT=5.0V, VCE=0V, Lx=0V
-
0.01
1.0
μA
⑤
Lx SW "L" Leak Current
(*5)
ILeakL
VIN=VOUT=5.0V, VCE=0V, Lx=5.0V
-
0.01
1.0
μA
⑤
Current Limit
(*10)
ILIM
VIN=VCE=5.0V, VOUT=VOUT(E)×0.9V
(*8)
900
1050
1350
mA
⑥
Output Voltage
Temperature Characteristics
△VOUT
VOUT・△topr
IOUT=30mA, -40℃≦Topr≦85℃
-
±100
-
ppm/℃
①
CE "H" Voltage
VCEH
VOUT=0V, Applied voltage to VCE,
Voltage changes Lx to “H” level
(*11)
0.65
-
VIN
V
③
CE "L" Voltage
VCEL
VOUT=0V, Applied voltage to VCE,
Voltage changes Lx to “L” level
(*11)
VSS
-
0.25
V
③
PWM "H" Level Voltage
VPWMH
When connected to external components,
IOUT=1mA
(*6), Voltage which oscillation
frequency becomes 2550kHz≦FOSC≦
3450kHz
(*13)
-
-
VIN -
1.0
V
①
PWM "L" Level Voltage
VPWML
When connected to external components,
IOUT=1mA
(*6), Voltage which oscillation
frequency becomes FOSC<2550kHz
(*13)
VIN –
0.25
-
-
V
①
CE "H" Current
ICEH
VIN=VCE=5.0V, VOUT=0V
- 0.1
-
0.1
μA
⑤
CE "L" Current
ICEL
VIN=5.0V, VCE=0V, VOUT=0V
- 0.1
-
0.1
μA
⑤
Soft Start Time
TSS
When connected to external components,
VCE=0V → VIN, IOUT=1mA
0.5
0.9
3.0
ms
①
Latch Time
TLAT
VIN=VCE=5.0V, VOUT=0.8×VOUT(E),
Short Lx at 1Ω resistance
(*7)
1.0
-
20
ms
⑦
Short Protection
Threshold Voltage
VSHORT
Sweeping VOUT, VIN=VCE=5.0V, Short Lx at
1Ω resistance, VOUT voltage which Lx
becomes “L” level within 1ms
(*4)
0.675 0.900 1.150
V
⑦
■ELECTRICAL CHARACTERISTICS (Continued)
Test conditions: Unless otherwise stated, VIN=5.0V, VOUT(E)=Setting Voltage
NOTE:
*1: Including hysteresis operating voltage range.
*2: EFFI = { ( output voltage×output current ) / ( input voltage×input current) }×100
*3: ON resistance (Ω)= (VIN - Lx pin measurement voltage) / 100mA
*4: R&D value
*5: When temperature is high, a current of approximately 10μA (maximum) may leak.
*6:The CE/MODE pin of the XC9237A series works also as an external switching pin of PWM control and PWM/PFM control. When the IC is in the
operation, control is switched to the automatic PWM/PFM switching mode when the CE/MODE pin voltage is equal to or greater than VIN minus
0.3V, and to the PWM mode when the CE/MODE pin voltage is equal to or lower than VIN minus 1.0V and equal to or greater than VCEH.
*7:Time until it short-circuits VOUT with GND via 1Ωof resistor from an operational state and is set to Lx=0V from current limit pulse generating.
*8: When VIN is less than 2.4V, limit current may not be reached because voltage falls caused by ON resistance.
*9: When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes.
If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance.
*10: Current limit denotes the level of detection at peak of coil current.
*11: “H”=VIN~VIN-1.2V, “L”=+0.1V~-0.1V
*12: XC9235 series exclude IPFM and MAXIPFM because those are only for the PFM control’s functions.
*13: XC9235/9236 series exclude VPWMH and VPWML because those are only for the XC9237 series’ functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com