Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC9237A0CDML Arkusz danych(PDF) 21 Page - Torex Semiconductor

Numer części XC9237A0CDML
Szczegółowy opis  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237A0CDML Arkusz danych(HTML) 21 Page - Torex Semiconductor

Back Button XC9237A0CDML Datasheet HTML 17Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 18Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 19Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 20Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 21Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 22Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 23Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 24Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21/28
XC9235/XC9236/XC9237
Series
(12) XC9235B/36B/37B Rise Wave Form
(13) XC9235B/36B/37B
Soft-Start Time vs. Ambient Temperature
XC9237B12C
XC9237B33D
L=4.7μH(NR4018), CIN=4.7μF, CL=10μF
L=1.5μH(NR3015), CIN=4.7μF, CL=10μF
(14) XC9235B/36B/37B
CL Discharge Resistance vs. Ambient Temperature
XC9237B33D
100
200
300
400
500
600
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=6.0V
VIN=4.0V
VIN=2.0V
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature: Ta(℃)
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature: Ta(℃)
VIN=5.0V
IOUT=1.0mA
VIN=5.0V
IOUT=1.0mA
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC9237B12C
L=4.7μH (NR4018), CIN=4.7μF, CL=10μF
XC9237B33D
L=1.5μH (NR3015), CIN=4.7μF, CL=10μF
100μs/div
100μs/div
VIN=5.0V
IOUT=1.0mA
VIN=5.0V
IOUT=1.0mA
VOUT:0.5V/div
VOUT:1.0V/div
CE:0.0V⇒1.0V
CE:0.0V⇒1.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com