Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC9237A0CDML Arkusz danych(PDF) 3 Page - Torex Semiconductor

Numer części XC9237A0CDML
Szczegółowy opis  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237A0CDML Arkusz danych(HTML) 3 Page - Torex Semiconductor

  XC9237A0CDML Datasheet HTML 1Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 2Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 3Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 4Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 5Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 6Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 7Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 8Page - Torex Semiconductor XC9237A0CDML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3/28
XC9235/XC9236/XC9237
Series
PARAMETER
SYMBOL
RATINGS
UNIT
VIN Pin Voltage
VIN
- 0.3 ~ 6.5
V
Lx Pin Voltage
VLx
- 0.3 ~ VIN + 0.3 or 6.5V
V
VOUT Pin Voltage
VOUT
- 0.3 ~ 6.5
V
CE / MODE Pin Voltage
VCE
- 0.3 ~ 6.5
V
Lx Pin Current
ILx
±1500
mA
SOT-25
250
Power Dissipation
(*Ta=25℃)
USP-6C
Pd
100
mW
Operating Temperature Range
Topr
- 40 ~ + 85
OC
Storage Temperature Range
Tstg
- 55 ~ + 125
OC
■BLOCK DIAGRAM
NOTE: The signal from CE/MODE Control Logic to PWM/PFM Selector is being fixed to "L" level inside,
and XC9235 series chooses only PWM control.
The signal from CE/MODE Control Logic to PWM/PFM Selector is being fixed to "H" level inside,
and XC9236 series chooses only PWM/PFM automatic switching control.
Diodes inside the circuit are ESD protection diodes and parasitic diodes.
■ABSOLUTE MAXIMUM RATINGS
Ta=25℃
●XC9235A / XC9236A / XC9237A
●XC9235B(C) / XC9236B(C) / XC9237B(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com