Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G441VBU3 Arkusz danych(PDF) 59 Page - STMicroelectronics

Numer części STM32G441VBU3
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, 128 KB Flash, 32 KB SRAM, rich analog, math accelerator, AES
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G441VBU3 Arkusz danych(HTML) 59 Page - STMicroelectronics

Back Button STM32G441VBU3 Datasheet HTML 55Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 56Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 57Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 58Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 59Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 60Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 61Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 62Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 192 page
background image
DS12960 Rev 1
59/192
STM32G441xB
Pinouts and pin description
65
31
31
46 45 B5
61
B3
77
95
PB8-BOOT0
I/O
FT_f
(5)
TIM16_CH1, TIM4_CH3,
SAI1_CK1, I2C1_SCL,
USART3_RX,
COMP1_OUT,
FDCAN1_RX, TIM8_CH2,
TIM1_BKIN,
SAI1_MCLK_A,
EVENTOUT
-
-
-
47 46 B6
62
A2
78
96
PB9
I/O
FT_f
-
TIM17_CH1, TIM4_CH4,
SAI1_D2, I2C1_SDA,
IR_OUT, USART3_TX,
COMP2_OUT,
FDCAN1_TX, TIM8_CH3,
TIM1_CH3N, SAI1_FS_A,
EVENTOUT
-
--
-
-
-
-
-
-
97
PE0
I/O
FT
-
TIM4_ETR, TIM16_CH1,
USART1_TX,
EVENTOUT
-
--
-
-
-
-
-
-
98
PE1
I/O
FT
-
TIM17_CH1,
USART1_RX,
EVENTOUT
-
32
32
-
47 A6
63
B2
79
99
VSS
S
-
-
-
-
1
1
48 48 A7
64
A1
80
10
0
VDD
S
-
-
-
-
1. Function availability depends on the chosen device.
2. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current (3
mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (e.g. to drive an LED).
3. After a Backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content
of the RTC registers which are not reset by the system reset. For details on how to manage these GPIOs, refer to the
Backup domain and RTC register descriptions in the reference manual RM0440 "STM32G4 Series advanced Arm®-based
32-bit MCUs".
4. After reset, these pins are configured as JTAG/SW debug alternate functions, and the internal pull-up on PA15, PA13, PB4
pins and the internal pull-down on PA14 pin are activated.
5. It is recommended to set PB8 in another mode than analog mode after startup to limit consumption if the pin is left
unconnected
Table 12. STM32G441xB pin definition(1) (continued)
Pin Number
Pin name
(function
after reset)
Alternate function
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com