Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G441VBU3 Arkusz danych(PDF) 79 Page - STMicroelectronics

Numer części STM32G441VBU3
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, 128 KB Flash, 32 KB SRAM, rich analog, math accelerator, AES
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G441VBU3 Arkusz danych(HTML) 79 Page - STMicroelectronics

Back Button STM32G441VBU3 Datasheet HTML 75Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 76Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 77Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 78Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 79Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 80Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 81Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 82Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 192 page
background image
IDD (LPRun)
Supply current
in Low-power
run mode
fHCLK = fHSE
all peripherals disable
2 MHz
385
575
1050
1650
2700
560
960
2100
3600
5800
μA
1 MHz
265
410
880
1500
2550
400
780
1800
3500
5600
250 KHz
135
285
760
1400
2450
260
640
1700
3300
5600
62.5 KHz
110
260
730
1350
2400
230
610
1700
3300
5600
fHCLK = fHSI / HPRE
all peripherals disable
2 MHz
915
1100 1550
2200
3250
1200 1600 2800
4100
5800
1 MHz
830
950
1400
2050
3100
990
1500 2600
4000
5700
250 KHz
725
865
1300
1950
3000
880
1400 2600
4000
5700
62.5 KHz
670
840
1300
1950
3000
850
1300 2500
4000
5700
Table 22. Current consumption in Run and Low-power run modes,
code with data processing running from Flash in single Bank, ART disable (continued)
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com