Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G441VBU3 Arkusz danych(PDF) 89 Page - STMicroelectronics

Numer części STM32G441VBU3
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, 128 KB Flash, 32 KB SRAM, rich analog, math accelerator, AES
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G441VBU3 Arkusz danych(HTML) 89 Page - STMicroelectronics

Back Button STM32G441VBU3 Datasheet HTML 85Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 86Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 87Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 88Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 89Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 90Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 91Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 92Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 192 page
background image
Table 31. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Stop 1)
Supply current
in Stop 1 mode,
RTC disabled
RTC disabled
1.8 V
58.5
175
550
1050
1900
160
510
1700
2800
8500
µA
2.4 V
58.5
175
550
1050
1950
160
510
1700
4000
8800
3.0 V
59.0
175
555
1050
1950
160
520
1700
4100
8900
3.6 V
59.5
180
560
1100
1950
160
520
1700
4200
9000
IDD
(Stop 1
with RTC)
Supply current
in Stop 1 mode,
RTC enabled
RTC clocked by LSI
1.8 V
59.0
175
550
1050
1950
160
510
1700
2900
8500
2.4 V
59.5
175
555
1050
1950
160
510
1700
4000
8800
3.0 V
59.5
175
555
1050
1950
160
520
1700
4100
8900
3.6 V
60.5
180
560
1100
1950
160
520
1700
4200
9000
RTC clocked by LSE
bypassed at 32768
Hz
1.8 V
58.5
175
550
1050
1900
-
-
-
-
-
2.4 V
59.0
175
555
1050
1950
-
-
-
-
-
3.0 V
60.0
180
555
1050
1950
-
-
-
-
-
3.6 V
62.0
180
565
1100
1950
-
-
-
-
-
RTC clocked by LSE
quartz in low drive
mode at 32768 Hz
1.8 V
58.5
150
445
890
-
-
-
-
-
-
2.4 V
59.0
150
445
890
-
-
-
-
-
-
3.0 V
59.5
150
445
890
-
-
-
-
-
-
3.6 V
61.0
150
450
895
-
-
-
-
-
-
IDD
(Stop 1
with RTC)
Supply current
during wakeup
from
Stop 1 mode
Wakeup clock is HSI
= 16 MHz,
3.0 V
1.39
-
-
----
---
mA
Wakeup clock is
HSI = 4 MHz,
(HPRE divider=4),
voltage Range 2
3.0 V
0.93
-
-
----
---
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com