Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G441VBU3 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części STM32G441VBU3
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, 128 KB Flash, 32 KB SRAM, rich analog, math accelerator, AES
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G441VBU3 Arkusz danych(HTML) 2 Page - STMicroelectronics

  STM32G441VBU3 Datasheet HTML 1Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 2Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 3Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 4Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 5Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 6Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 7Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 8Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 192 page
background image
STM32G441xB
2/192
DS12960 Rev 1
• Communication interfaces
– 1 x FDCAN controller supporting flexible
data rate
– 3 x I2C Fast mode plus (1 Mbit/s) with
20 mA current sink, SMBus/PMBus,
wakeup from stop
– 4 x USART/UARTs (ISO 7816 interface,
LIN, IrDA, modem control)
–1 x LPUART
– 3 x SPIs, 4 to 16 programmable bit frames,
2 x with multiplexed half duplex I2S
interface
– 1 x SAI (serial audio interface)
– USB 2.0 full-speed interface with LPM and
BCD support
– IRTIM (infrared interface)
– USB Type-C™ /USB power delivery
controller (UCPD)
• True random number generator (RNG)
• CRC calculation unit, 96-bit unique ID
• AES: 128/256-bit key encryption hardware
accelerator
• Development support: serial wire debug
(SWD), JTAG, Embedded trace macrocell™
Table 1. Device summary
Reference
Part number
STM32G441xB
STM32G441CB, STM32G441KB, STM32G441RB, STM32G441MB, STM32G441VB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com