Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G441VBU3 Arkusz danych(PDF) 90 Page - STMicroelectronics

Numer części STM32G441VBU3
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, 128 KB Flash, 32 KB SRAM, rich analog, math accelerator, AES
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G441VBU3 Arkusz danych(HTML) 90 Page - STMicroelectronics

Back Button STM32G441VBU3 Datasheet HTML 86Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 87Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 88Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 89Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 90Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 91Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 92Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 93Page - STMicroelectronics STM32G441VBU3 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 192 page
background image
Table 32. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD(Stop 0)
Supply current
in Stop 0 mode,
RTC disabled
-
1.8 V
150
280
680
1200
2100
260
640
2000
4200
9700
µA
2.4 V
150
280
680
1200
2100
260
650
2000
4300
9800
3 V
155
280
685
1200
2150
270
650
2000
4400
9900
3.6 V
155
285
685
1200
2150
270
650
2000
4500
10000
1. Guaranteed by characterization results, unless otherwise specified.
Table 33. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD
(Standby)
Supply current in Standby
mode (backup registers
retained),
RTC disabled
No independent
watchdog
1.8 V
92.0
205
870
2250
5600
220
1500 4100 6300
16000
nA
2.4 V
100
240
1000
2600
6450
250
1900 4500 7200
18000
3 V
120
280
1200
3050
7400
280
2000 5300 8200
20000
3.6 V
175
385
1550
3800
9200
380
2100 6400 9600
24000
With independent
watchdog
1.8 V
275
-
-
-
-
-
-
-
-
-
2.4 V
335
-
-
-
-
-
-
-
-
-
3 V
400
-
-
-
-
---
-
-
3.6 V
510
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com