Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7911BAASC5 Arkusz danych(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7911BAASC5
Szczegółowy opis  600 mA, Ultra-Low-Noise, Low-IQ LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7911BAASC5 Arkusz danych(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7911BAASC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev 1.3
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO7911• Rev. 1.3
DIO7911
600 mA, Ultra-Low-Noise, Low-IQ LDO
Features
Operating input voltage range: 1.6 V to 5.5 V
Output voltage range:
0.75 V to 5 V (fixed voltage version)
0.8 V to 5 V (adjustable voltage version)
Output current: 600 mA
Ultra-low quiescent current: 34 µA (typ.)
Dropout voltage: 145 mV at IOUT = 600 mA,
at 2.8 V
PSRR: 75 dB at 1 kHz, IOUT = 20 mA
Output voltage tolerance: ±1%
Stable with ceramic capacitors of 1 µF
Thermal-overload protection
Short-circuit protection
Quick output discharge:
DIO7911A: available
DIO7911B: not available
Available in small DFN1*1-4, SOT23-5, and
SC70-5 packages
These devices are Pb−free, halogen-free/BFR
free and are RoHS compliant
Applications
MP3/MP4 players
Cellphones, radiophone, digital cameras
Bluetooth, wireless handsets
Others portable electronics devices
Descriptions
The DIO7911 series is a high-accuracy, low-noise,
high-speed, high-PSRR, and low-dropout CMOS
linear regulator with high ripple rejection. The
devices offer a new level of cost-effective
performance in cellular phones, laptop and
notebook computers, and other portable devices.
The DIO7911 has the fold-back maximum output
current which depends on the output voltage. So
the current limit functions both as a short circuit
protection and as an output current limiter.
The device is available in small DFN1*1-4,
SOT23-5, and SC70-5 packages.
Typical Applications
Figure 1. Fixed version
Figure 2. Adjustable version


Podobny numer części - DIO7911BAASC5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIOO MICROCIRCUITS CO.,...
DIO7910 DIOO-DIO7910 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAACN4 DIOO-DIO7910AAACN4 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAADN6 DIOO-DIO7910AAADN6 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAAEN4 DIOO-DIO7910AAAEN4 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAASC5 DIOO-DIO7910AAASC5 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
More results

Podobny opis - DIO7911BAASC5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LP5907 TI1-LP5907_17 Datasheet
1Mb / 36P
250-mA Ultra-Low-Noise, Low-IQ LDO
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
300-mA Low-Noise, Low-IQ LDO
LP5907_017 TI1-LP5907_017 Datasheet
1Mb / 36P
250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_18 Datasheet
1Mb / 31P
250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907_1810 TI1-LP5907_1810 Datasheet
2Mb / 48P
250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907-Q1 TI1-LP5907-Q1_18 Datasheet
1Mb / 29P
Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V01 Datasheet
1Mb / 44P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V02 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V03 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI-LP5907_V04 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com