Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7911BAASC5 Arkusz danych(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7911BAASC5
Szczegółowy opis  600 mA, Ultra-Low-Noise, Low-IQ LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7911BAASC5 Arkusz danych(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7911BAASC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DIO7911
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO7911• Rev.1.3
Pin Assignments
SOT23-5/SC70-5
DFN1*1-4
Figure 3. Pin assignment (Top view)
Pin Definitions
Pin Name
Description
OUT
Output voltage pin
EN
Enable pin. This pin has an internal pull-down current source. A logic low reduces the supply
current to less than 1 μA. Connect to logic “High” for normal operation.
GND
Power supply ground
IN
Input voltage pin
NC/FB
NC: No connection for fixed version;
FB: Feedback pin for adjustable version.
Thermal pad (EP)
Not internally connect to GND. Recommend to connect to a large ground plane for improved
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com