Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7911BAASC5 Arkusz danych(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7911BAASC5
Szczegółowy opis  600 mA, Ultra-Low-Noise, Low-IQ LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7911BAASC5 Arkusz danych(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7911BAASC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DIO7911
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO7911• Rev.1.3
Adjustable output voltage
The required output voltage of adjustable devices can be adjusted from VFB to 5 V by using two external resistors.
Typical application schematics are shown in Figure 12.
VOUT = VFB × (1 + R1/R2)
Figure 12. Typical application
It is recommended to keep the total serial resistance of resistors (R1 + R2) no greater than 50 kΩ. A good analog
design practice is to connect a 1 nF connector from OUT to FB for better stability performance.
Internal current limit
The DIO7911 internal current limit helps to protect the regulator during fault conditions. During the current limit,
the output sources a fixed amount of current that is largely independent of the output voltage. In such a case, the
output voltage is not regulated and VOUT = ICL × RLOAD. The PMOS pass transistor dissipates (VIN – VOUT) × ICL
until the thermal shutdown is triggered and the device turns off. As the device cools down, it is turned on by the
internal thermal shutdown circuit. If the fault condition continues, the device cycles between the current limit and
thermal shutdown.
The PMOS pass element in the DIO7911 has a built-in body diode that conducts current when the voltage at
OUT exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is anticipated,
external limiting to 5% of the rated output current is recommended.
Shutdown
The enable pin (EN) is active high. The device is enabled when the voltage at the EN pin goes above 0.8 V. The
device is turned off when the EN pin is held at less than 0.3 V. When shutdown capability is not required, EN can
be connected to the IN pin.
Dropout voltage
The DIO7911 uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout
voltage (VDO), the PMOS pass device is in the linear region of operation and the input-to-output resistance is the
RDS(on) of the PMOS pass element. VDO scales approximately with output current because the PMOS device
behaves as a resistor in dropout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com