Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7911BAASC5 Arkusz danych(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7911BAASC5
Szczegółowy opis  600 mA, Ultra-Low-Noise, Low-IQ LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7911BAASC5 Arkusz danych(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7911BAASC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DIO7911
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO7911• Rev.1.3
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Symbol
Parameter
Rating
Unit
VIN
Input voltage
-0.3 to 6.5
V
VOUT
Output voltage
-0.3 to VIN
V
VEN
Chip enable input
-0.3 to VIN
V
IOUT
Maximum output current
600
mA
CFF
Feed-forward capacitor
1
nF
TL
Maximum lead temperature
260
°C
TJ
Maximum operating junction temperature
150
°C
TSTG
Storage temperature
-65 to 150
°C
ESD
Electro-static discharge
HBM
±4000
V
CDM
±2000
Recommend Operating Ratings
Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions
are specified to ensure optimal performance to the datasheet specifications. DIOO does not recommend exceeding them or
designing to absolute maximum ratings.
Symbol
Parameter
Rating
Unit
VIN
Operating supply voltage
1.6 to 5.5
V
TA
Operating temperature range
-40 to 125
°C
RθJA
Junction-to-ambient thermal resistance
SOT23-5
132
°C/W
DFN1*1-4
250
SC70-5
307.6
RθJC
Junction-to-case thermal resistance
SOT23-5
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com