Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7911BAASC5 Arkusz danych(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7911BAASC5
Szczegółowy opis  600 mA, Ultra-Low-Noise, Low-IQ LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7911BAASC5 Arkusz danych(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7911BAASC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7911BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DIO7911
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO7911• Rev.1.3
Electrical Characteristics
VIN = VOUT + 1 V, IOUT = 1 mA, CIN = COUT = 1.0 μF, -40°C to 125°C, typical values are at TA = 25°C, unless otherwise specified.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN
Input voltage
1.6
5.5
V
VOUT(1)
Output voltage
0.75
5
V
Output accuracy
VOUT < 2 V, TA = 25°C
-20
VOUT
20
mV
VOUT ≥ 2 V, TA = 25°C
-1%
VOUT
1%
V
VFB
Reference voltage
(adjustable version)
TA = 25°C
0.8
V
ILIM
Output current limit
VOUT = 90% VOUT(NOM)
600
mA
VDO
Dropout voltage
VIN = 1.6 V, IOUT = 600 mA
VOUT(SET) = 1.0 V
600(3)
mV
VIN = 0.95 × VOUT(SET),
IOUT = 600 mA
VOUT(SET) = 1.8 V
220
VOUT(SET) = 2.8 V
145
VOUT(SET) = 3.3 V
135
VOUT(SET) = 5 V
115
OUT
IN
OUT
V
×
ΔV
ΔV
Line regulation
VOUT(NOM) + 1.0 V ≤ VIN ≤ 5.5 V
0.02
%/V
△VOUT Loadregulation IOUT=0mAto600mA,TA=25°C
6
mV
IQ
Quiescent current
No load
34
μA
ISC
Short circuit current
VOUT = 0 V
430
mA
ISHDN
Shutdown current
VEN = 0 V, VIN = 5.5 V
0.1
μA
PSRR
Power supply rejection
rate
IOUT = 20 mA
f = 100 Hz
80
dB
f = 1 kHz
75
dB
f = 10 kHz
70
dB
f = 100 kHz
50
dB
f = 1 MHz
45
dB
VIH
EN pin threshold
voltage
EN logic high voltage, TA = 25°C
0.8
V
VIL
EN logic low voltage, TA = 25°C
0.3
V
IEN
EN pull-down current
VEN = 5.5 V
0.1
μA
en
Output voltage noise
(fixed voltage version)
f = 10 Hz to 100 kHz, VOUT = 0.75 V, IOUT = 1 mA
55
μVRMS
TSD
Thermal shutdown
threshold
Shutdown, temperature increasing
IOUT = 1 mA
170
°C
Reset, temperature decreasing
145
RDISCH
Output discharge
resistance
VEN = 0 V, VIN = 5 V (only DIO7911A)
100
Ω
tON
Turn-on time
From assertion of VEN to VOUT = 90% VOUT(NOM)
260
μs
Note:
(1) It is not recommended to use at 125°C without load.
(2) Specifications subject to change without notice.
(3) Because of the minimum VIN is 1.6 V, when VOUT is 1.0 V, VDO is fixed at 600 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com