Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7915BAASC5 Arkusz danych(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7915BAASC5
Szczegółowy opis  300 mA, High-Voltage, 27 μA Low Quiescent Current,Low-Dropout Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7915BAASC5 Arkusz danych(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7915BAASC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DIO7915
Version 1.1, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
5
6. Electrical Characteristics
VIN = VOUT + 1 V, IOUT = 1 mA, CIN = COUT = 1 μF, TA = -40 to 125 °C, Typical values are at TA = 25 °C, unless
otherwise noted.
Note:
(1) It is not recommended to use at 125°C without load.
(2) Specifications subject to change without notice.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input voltage
2
12
V
VOUT (1)
Output voltage
Fixed version
0.6
5
V
Adjustable version
0.6
5.5
V
Output accuracy
VOUT < 1.5 V, TA= 25°C
-30
30
mV
VOUT ≥ 1.5 V, TA = 25°C
-2
2
%
ILIM
Output current limit
VOUT = 90% VOUT(NOM)
580
mA
VDO
Dropout voltage
VOUT = 95% VOUT(NOM),
IOUT = 300 mA
VOUT = 2.8 V
255
mV
VOUT = 5.0 V
200
mV
LineReg
Line regulation
(VOUT(NOM) + 1.0 V) ≤ VIN ≤ 5.5 V
6
mV
LoadReg
Load regulation
IOUT = 0 mA to 350 mA, TA = 25°C
35
mV
IQ
Quiescent current
VIN = 3.3 V, no load
27
μA
ISC
Short circuit current
VOUT = 0 V
285
mA
ISD
Shutdown current
VEN = 0 V
VIN = 3.3 V
0.32
μA
VIN = 5.5 V
0.49
PSRR
Power supply
rejection rate
VOUT = 0.6 V,
VIN = 3.8 V,
IOUT = 20 mA
f = 100 Hz
85
dB
f = 1 kHz
60
f = 10 kHz
55
f = 100 kHz
32
f = 1 MHz
45
VIH
EN pin threshold
voltage
EN logic high voltage
1
V
VIL
EN logic low voltage
0.4
V
IEN
EN pulldown current
VEN = 5.5 V
0.2
μA
en
Output voltage noise
f = 10 Hz to 100 kHz, IOUT = 1 mA,
VOUT = 0.6 V, VIN = 2 V
94
μVRMS
TSD
Thermal shutdown
threshold
170
°C
TSD_HYS
Thermal shutdown
threshold hysteresis
40
°C
RDISCH
Output discharge
resistance
VEN ≤ 0.2 V, VIN = 5 V (only DIO7915A)
100
Ω
tON
Turn-on time
From assertion of VEN to VOUT = 90% VOUT(NOM)
250
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com