Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7915BAASC5 Arkusz danych(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7915BAASC5
Szczegółowy opis  300 mA, High-Voltage, 27 μA Low Quiescent Current,Low-Dropout Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7915BAASC5 Arkusz danych(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7915BAASC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DIO7915
Version 1.1, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
7
8. Function Description
8.1. Internal current limit
The DIO7915 internal current limit helps to protect the regulator during fault conditions. During the current
limit, the output sources a fixed amount of current that is largely independent of the output voltage. In such
a case, the output voltage is not regulated and VOUT = ICL × RLOAD. The PMOS pass transistor dissipates (VIN
– VOUT) × ICL until the thermal shutdown is triggered and the device turns off. As the device cools down, it is
turned on by the internal thermal shutdown circuit. If the fault condition continues, the device cycles
between the current limit and thermal shutdown.
8.2. Shutdown
The enable pin (EN) is active high. The device is enabled when the voltage at the EN pin goes above 1 V.
The device is turned off when the EN pin is held at less than 0.4 V. When shutdown capability is not
required, EN can be connected to the IN pin.
8.3. Dropout voltage
The DIO7915 uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the
dropout voltage (VDO), the PMOS pass device is in the linear region of operation and the input-to-output
resistance is the RDS(ON) of the PMOS pass element. VDO scales approximately with the output current
because the PMOS device behaves as a resistor in dropout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com