Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7915BAASC5 Arkusz danych(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7915BAASC5
Szczegółowy opis  300 mA, High-Voltage, 27 μA Low Quiescent Current,Low-Dropout Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7915BAASC5 Arkusz danych(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7915BAASC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DIO7915
Version 1.1, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
III
Marking Definition
JAXYW, JBXYW
JA/JB: Product code; X:Voltage code; Y: Year code; W: Week code
DQAX, DQBX
DQA/DQB: Product code; X: Voltage code
YWQX, YWRX
Y: Year code; W: Week code; Q/R: Product code; X: Voltage code
Voltage Code
Option Code “X”
B
C
F
S
G
H
J
K
L
M
P
Q
Voltage
0.6 V
0.8 V
1.2 V
1.3 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
5.0 V
ADJ
If you encounter any issue in the process of using the device, please contact our customer
service at marketing@dioo.com or phone us at (+86)-21-62116882. If you have any
improvement suggestions regarding the datasheet, we encourage you to contact our technical
writing team at docs@dioo.com. Your feedback is invaluable for us to provide a better user
experience.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com