Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7915BAASC5 Arkusz danych(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7915BAASC5
Szczegółowy opis  300 mA, High-Voltage, 27 μA Low Quiescent Current,Low-Dropout Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7915BAASC5 Arkusz danych(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7915BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
DIO7915
Version 1.1, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
8
9. Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality. The
application information is not part of the specification and is for reference purposes only.
Figure 7. Typical application (Fixed)
Figure 8. Typical application (Adjustable)
The DIO7915 is a high-accuracy, low-noise, high-speed and low-dropout CMOS linear regulator with high
ripple rejection. The operating input voltage range is from 2 V to 12 V and fixed output voltage range is from
0.6 V to 5 V. The device offers a new level of cost-effective performance in cellular phones, laptop and
notebook computers, and other portable devices.
9.1. Input decoupling (CIN)
It is recommended to connect a at least 1 μF ceramic X5R or X7R capacitor between IN and GND pins of
the device. This capacitor will provide a low impedance path for any unwanted AC signals or noise
superimposed onto constant input voltage. A good input capacitor will limit the influence of input trace
inductance and source resistance during sudden load current changes.
Higher capacitance and lower ESR capacitors will improve the overall line transient response.
9.2. Output decoupling (COUT)
The DIO7915 does not require a minimum Equivalent Series Resistance (ESR) for the output capacitor.
The device is designed to be stable with standard ceramics capacitors with values of 1 μF to 10 μF. The
X5R and X7R types have the lowest capacitance variations over temperature thus they are recommended.
Connect the output capacitor as close as possible to the output pin of the regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com