Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7915BAASC5 Arkusz danych(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7915BAASC5
Szczegółowy opis  300 mA, High-Voltage, 27 μA Low Quiescent Current,Low-Dropout Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7915BAASC5 Arkusz danych(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7915BAASC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAASC5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DIO7915
Version 1.1, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
2
Pin Name
Description
OUT
Output voltage pin.
EN
Enable pin. This pin has a pull-down current source. Connect to logic “High” for normal operation.
GND
Ground.
IN
Input voltage pin.
NC
No connection.
FB
Feedback input for output adjustable version. This pin is used as an input to the control loop error
amplifier and is used to set the output voltage of the LDO.
Thermal pad (EP)
Do not internally connect to GND. Recommend to connect it to a large ground plane for improved
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com