| Zakładka z wyszukiwarką danych komponentów |
|
AS7038RB Arkusz danych(PDF) 25 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB Arkusz danych(HTML) 25 Page - ams-OSRAM AG |
|
25 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 24 Figure 10: LED Drivers 7.1.2 LED Driver Configuration LED_CFG Register (Address 0x10) Figure 11: LED_CFG Register Addr: 0x10 LED_CFG Bit Bit Name Default Access Bit Description 7 sigref_en 0 RW Signal reference: Is required for all analog blocks (except PD_Amp or light-to-frequency operation) 0: Disable signal reference 1: Enable signal reference X=4 Sequencer VD1 VD2 max. compliance Q Q SET CL R S R write 1 to register irq_led_supply_low ledX_supply _low and irq_led_ supply_low currX ledX_en man_mode man_sw_ledX ledX_mode VD3 X=1 X=2 X=3 D1 D2 D3 D4 VD4 |