| Zakładka z wyszukiwarką danych komponentów |
|
AS7038RB Arkusz danych(PDF) 58 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB Arkusz danych(HTML) 58 Page - ams-OSRAM AG |
|
58 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 57 SEQ_ERR (Address 0x47) Figure 65: SEQ_ERR Register Addr: 0x47 SEQ_ERR Bit Bit Name Default Access Bit Description 7 irq_adc_timing_error 0 SS_WC The ADC is started by the sequencer (or manually) while it was still converting. This does not flag an interrupt but when playing with the sequencer settings we suggest to check this flag to make sure that there is no problem with the sequencer programming 6:0 Not used 0 RW Not used CYC_COUNTER (Address 0x60) Figure 66: CYC_COUNTER Register Addr: 0x60 CYC_COUNTER Bit Bit Name Default Access Bit Description 7:0 cycle_counter 0 RO Current cycle counter value The SEQ_COUNTER register shows the current value of the sequence counter and period counter SEQ_COUNTER (Address 0x61) Figure 67: SEQ_COUNTER Register Addr: 0x61 SEQ_COUNTER Bit Bit Name Default Access Bit Description 7:0 sequence_counter 0 RO Current sequence counter value |