| Zakładka z wyszukiwarką danych komponentów |
|
AS7038RB Arkusz danych(PDF) 21 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB Arkusz danych(HTML) 21 Page - ams-OSRAM AG |
|
21 / 127 page ![]() Document Feedback AS7038RB Register Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 20 Addr Name <D7> <D6> <D5> <D4> <D3> <D2> <D1> <D0> 0X8B ADC_CHANN EL_MASK_L adc_cha nnel_ma sk_prega in adc_cha nnel_ma sk_afe adc_cha nnel_ma sk_temp adc_cha nnel_ma sk_sd2 adc_cha nnel_ma sk_ofe2 adc_cha nnel_ma sk_sd1 adc_cha nnel_ma sk_ofe1 adc_cha nnel_ma sk_tia 0X8C ADC_CHANN EL_MASK_H Not used Not used Not used Not used adc_cha nnel_ma sk_gpio2 adc_cha nnel_ma sk_gpio3 adc_cha nnel_ma sk_ecgi adc_cha nnel_ma sk_ecgo 0X8E ADC_DATA_ L adc_data[7:0] 0X8F ADC_DATA_ H Not used Not used adc_data[13:8] 0X78 FIFO_CFG Not used fifo_threshold[6:0] 0X79 FIFO_CNTRL Not used Not used Not used Not used Not used Not used Not used fifo_clear 0XFE FIFOL Fifol[7:0] 0XFF FIFOH Fifoh[7:0] 0x00 CONTROL Not used Not used Not used hs_en Not used clk_def osc_en ldo_en 0X08 GPIO_A Not used Not used Not used Not used gpio3_a gpio2_a gpio1_a gpio0_a 0X09 GPIO_E Not used Not used Not used Not used gpio3_e gpio2_e gpio1_e gpio0_e 0X0A GPIO_O Not used Not used Not used Not used gpio3_o gpio2_0 gpio1_0 gpio0_0 0X0B GPIO_I Not used Not used Not used Not used gpio3_i gpio2_i gpio1_i gpio0_i 0X0C GPIO_P gpio3_pd gpio3_pu gpio2_pd gpio2_pu gpio1_p d gpio1_pu gpio0_pd gpio0_pu 0X0D GPIO_SR Not used Not used Not used Not used gpio3_sr gpio2_sr gpio1_sr gpio0_sr 0X91 SUBID subid[4:0] Revision[2:0] 0X92 ID id[5:0] id_reserved[1:0] 0XA0 STATUS irq_led_s upply_lo w irq_clipd etect irq_fifoov erflow irq_fifothr eshold irq_adc_t hreshold irq_ltf irq_sequ encer irq_adc 0XA1 STATUS2 Not used Not used Not used Not used Not used irq_ltf_thr eshold_h igh irq_ltf_thr eshold_l ow irq_ecg_t hreshold 0XA2 CLIPSTATUS Not used Not used Not used Not used pd_clipd etect_l pd_clipd etect_h sd_clipd etect_l sd_clipd etect_h 0XA3 LEDSTATUS Not used Not used Not used Not used led4_sup ply_low led3_sup ply_low led2_sup ply_low led1_sup ply_low 0XA4 FIFOSTATUS Not used Not used Not used Not used Not used Not used Not used fifooverfl ow 0XA5 LTFSTATUS Not used Not used ltf1_thres hold_hig h ltf1_thres hold_low ltf0_thres hold_hig h ltf0_thres hold_low ltf_sat ltf_done 0XA6 FIFOLEVEL fifolevel[7:0] 0XA8 INTENAB irq_led_s upply_lo w_enab irq_clipd etect_en ab irq_fifoov erflow_e na irq_fifothr eshold_e nab irq_adc_t hreshold _enab irq_ltf_en ab irq_sequ encer_en ab irq_adc_ enab 0XA9 INTENAB2 Not used Not used Not used Not used Not used irq_ltf1_t hreshold _enab irq_ltf0_t hreshold _enab irq_ecg_t hreshold _enab 0XAA INTR irq_led_s upply_lo w_intr irq_clipd etect_intr irq_fifoov erflow_in tr irq_fifothr eshold_i ntr irq_adc_t hreshold _intr irq_ltf_int r irq_sequ encer_int r irq_adc_i ntr |