| Zakładka z wyszukiwarką danych komponentów |
|
AS7038RB Arkusz danych(PDF) 53 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB Arkusz danych(HTML) 53 Page - ams-OSRAM AG |
|
53 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 52 SEQ_SDP1_STA (Address 0x3a) Figure 52: SEQ_SDP1_STA Register Addr: 0x3a SEQ_SDP1_STA Bit Bit Name Default Access Bit Description 7:0 seq_sdp1_start 0 RW Positive multiplication start time 1 The SEQ_SDP register sets the synchronous demodulator positive multiplication time. Data is stored as 16-bit value. SEQ_SDP1_STO (Address 0x3b) Figure 53: SEQ_SDP1_STO Register Addr: 0x3b SEQ_SDP1_STO Bit Bit Name Default Access Bit Description 7:0 seq_sdp1_stop 0 RW Positive multiplication stop time 1 SEQ_SDP2_STA (Address 0x3c) Figure 54: SEQ_SDP2_STA Register Addr: 0x3c SEQ_SDP2_STA Bit Bit Name Default Access Bit Description 7:0 seq_sdp2_start 0 RW Positive multiplication start time 2 The SEQ_SDP register sets the synchronous demodulator positive multiplication time. Data is stored as 16-bit value. |