| Zakładka z wyszukiwarką danych komponentów |
|
AS7038RB Arkusz danych(PDF) 55 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB Arkusz danych(HTML) 55 Page - ams-OSRAM AG |
|
55 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 54 SEQ_SDM2_STA (Address 0x40) Figure 58: SEQ_SDM2_STA Register Addr: 0x40 SEQ_SDM2_STA Bit Bit Name Default Access Bit Description 7:0 seq_sdm2_start 0 RW Negative multiplication start time 2 The SEQ_SDM2 register sets the synchronous demodulator negative multiplication time 2. Data is stored as 16-bit value SEQ_SDM2_STO (Address 0x41) Figure 59: SEQ_SDM2_STO Register Addr: 0x41 SEQ_SDM2_STO Bit Bit Name Default Access Bit Description 7:0 seq_sdm2_stop 0 RW Negative multiplication stop time 2 SEQ_ADC (Address 0x42) Figure 60: SEQ_ADC Register Addr: 0x42 SEQ_ADC Bit Bit Name Default Access Bit Description 7:0 seq_adc 0 RW ADC start sampling time The ADC conversion needs to be finished before the sequencer period ends otherwise ADC samples can be lost. The SEQ_ADC register defines the time when the ADC starts sampling during each measurement cycle. |