| Zakładka z wyszukiwarką danych komponentów |
|
E5DC-RX2AUM-002 Arkusz danych(PDF) 6 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 Arkusz danych(HTML) 6 Page - Omron Electronics LLC |
|
6 / 120 page ![]() E5GC 6 Input Ranges Thermocouple/Platinum Resistance Thermometer (Universal inputs) Shaded settings are the default settings. The applicable standards for the input types are as follows: K, J, T, E, N, R, S, B: JIS C 1602-1995, IEC 60584-1 JPt100: JIS C 1604-1989, JIS C 1606-1989 L: Fe-CuNi, DIN 43710-1985 Pt100: JIS C 1604-1997, IEC 60751 U: Cu-CuNi, DIN 43710-1985 PL II: According to Platinel II electromotive force charts from BASF (previously Engelhard) W: W5Re/W26Re, ASTM E988-1990 Analog input Sensor type Platinum resistance thermometer Thermocouple Infrared temperature sensor Sensor specification Pt100 JPt100 K J T E L U N R S B W PLII 10 to 70°C 60 to 120°C 115 to 165°C 140 to 260°C 2300 1800 1700 1600 1500 1400 1300 1200 1100 1000 900 800 700 600 500 400 300 200 100 -100 -200 2300 1800 1700 1700 1300 1300 1300 850 850 850 600 500.0 500.0 500.0 400.0 400 400.0 400 400.0 260 120 165 100.0 100.0 90 100 0.0 0.0 00 0 0 0000 -20.0 -100 -20.0 -100 -200 -199.9 -199.9 -200 -200 -199.9 -200 -200 -199.9 -200 Set value 01234 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Input type Current Voltage Input specification 4 to 20 mA 0 to 20 mA 1 to 5 V 0 to 5 V 0 to 10 V Setting range Usable in the following ranges by scaling: -1999 to 9999, -199.9 to 999.9, -19.99 to 99.99 or -1.999 to 9.999 Set value 25 26 27 28 29 |