| Zakładka z wyszukiwarką danych komponentów |
|
E5DC-RX2AUM-002 Arkusz danych(PDF) 80 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 Arkusz danych(HTML) 80 Page - Omron Electronics LLC |
|
80 / 120 page ![]() E5CC-T 80 Accessories (Order Separately) (2110) 250 263 1510 USB connector (type A plug) Serial connector LED (SD) LED (PWR) LED (RD) USB-Serial Conversion Cable E58-CIFQ2 48 48.8 22 9.1 10 44.8 2 3.8 Terminal Cover (E53-COV23) Terminal Covers E53-COV17 Terminal Covers E53-COV23 (Three Covers provided.) Waterproof Packing Y92S-P8 (for DIN 48 × 48) The Waterproof Packing is provided with the Temperature Controller. Order the Waterproof Packing separately if it becomes lost or damaged. The Waterproof Packing can be used to achieve an IP66 degree of protection. (Deterioration, shrinking, or hardening of the waterproof packing may occur depending on the operating environment. Therefore, periodic replacement is recommended to ensure the level of waterproofing specified in IP66. The time for periodic replacement depends on the operating environment. Be sure to confirm this point at your site. Consider three years as a rough standard.) |