| Zakładka z wyszukiwarką danych komponentów |
|
E5DC-RX2AUM-002 Arkusz danych(PDF) 10 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 Arkusz danych(HTML) 10 Page - Omron Electronics LLC |
|
10 / 120 page ![]() E5GC 10 USB-Serial Conversion Cable Windows is a registered trademark of Microsoft Corporation in the United States and or other countries. *1. CX-Thermo version 4.65 or higher runs on Windows 10. *2. Use a high-power port for the USB port. Note: A driver must be installed on the computer. Refer to the Instruction Manual included with the Cable for the installation procedure. Communications Specifications * The baud rate, data bit length, stop bit length, and vertical parity can be individually set using the Communications Setting Level. Communications Functions MELSEC is a registered trademark of Mitsubishi Electric Corporation. KEYENCE is a registered trademark of Keyence Corporation. * Both the programless communications and the component communications support the copying. Current Transformer (Order Separately) Ratings Heater Burnout Alarms and SSR Failure Alarms *1. For heater burnout alarms, the heater current will be measured when the control output is ON, and the output will turn ON if the heater current is lower than the set value (i.e., heater burnout detection current value). *2. For SSR failure alarms, the heater current will be measured when the control output is OFF, and the output will turn ON if the heater current is higher than the set value (i.e., SSR failure detection current value). *3. The value is 30 ms for a control period of 0.1 s or 0.2 s. *4. The value is 35 ms for a control period of 0.1 s or 0.2 s. Electrical Life Expectancy Curve for Control Output Relay (Reference Values) Applicable OS Windows XP/Vista/7/8/10 *1 Applicable software CX-Thermo version 4.62 or higher Applicable models E5 @C-T Series, E5@C Series, and E5CB Series USB interface standard Conforms to USB Specification 2.0 DTE speed 38,400 bps Connector specifications Computer: USB (Type A plug) Digital Temperature Controller: Special serial connector Power supply Bus power (Supplied from the USB host controller) *2 Power supply voltage 5 VDC Current consumption 450 mA max. Output voltage 4.7 ±0.2 VDC (Supplied from USB-Serial Conversion Cable to the Digital Temperature Controller.) Output current 250 mA max. (Supplied from USB-Serial Conversion Cable to the Digital Temperature Controller.) Ambient operating temperature 0 to 55 °C (with no condensation or icing) Ambient operating humidity 10% to 80% Storage temperature −20 to 60°C (with no condensation or icing) Storage humidity 10% to 80% Altitude 2,000 m max. Weight Approx. 120 g Transmission line connection method RS-485: Multidrop Communications RS-485 (two-wire, half duplex) Synchronization method Start-stop synchronization Protocol CompoWay/F, or Modbus Baud rate * 9,600, 19,200, 38,400, or 57,600 bps Transmission code ASCII Data bit length * 7 or 8 bits Stop bit length * 1 or 2 bits Error detection Vertical parity (none, even, odd) Block check character (BCC) with CompoWay/F or CRC-16 with Modbus Flow control None Interface RS-485 Retry function None Communications buffer 217 bytes Communications response wait time 0 to 99 ms Default: 20 ms Programless communica- tions You can use the memory in the PLC to read and write E5 @C parameters, start and stop operation, etc. The E5 @C automatically performs communications with PLCs. No communications programming is required. Number of connected Digital Temperature Controllers: 32 max. (Up to 16 for the FX Series) Applicable PLCs: OMRON PLCs CS Series, CJ Series, or CP Series Mitsubishi Electric PLCs MELSEC Q Series, L Series, or FX Series (compatible with the FX2 or FX3 (excluding the FX1S)) KEYENCE PLCs KEYENCE KV Series Component Communi- cations When Digital Temperature Controllers are connected, set points and RUN/STOP commands can be sent from the Digital Temperature Controller that is set as the master to the Digital Temperature Controllers that are set as slaves. Slope and offsets can be set for the set point. Number of connected Digital Temperature Controllers: 32 max. (including master) Copying * When Digital Temperature Controllers are connected, the parameters can be copied from the Digital Temperature Controller that is set as the master to the Digital Temperature Controllers that are set as slaves. Dielectric strength 1,000 VAC for 1 min Vibration resistance 50 Hz, 98 m/s2 Weight E54-CT1: Approx. 11.5 g, E54-CT3: Approx. 50 g Accessories (E54-CT3 only) Armatures (2) Plugs (2) CT input (for heater current detection) Models with detection for single-phase heaters: One input Maximum heater current 50 A AC Input current indication accuracy ±5% FS ±1 digit max. Heater burnout alarm setting range *1 0.1 to 49.9 A (in units of 0.1 A) Minimum detection ON time: 100 ms *3 SSR failure alarm setting range *2 0.1 to 49.9 A (in units of 0.1 A) Minimum detection OFF time: 100 ms *4 Switching current (A) 500 300 200 100 50 30 20 10 5 3 2 1 0.1 0.2 0.5 0.3 1 2 3 5 10 E5GC 250 VAC, 30 VDC (resistive load) cosφ = 1 |