| Zakładka z wyszukiwarką danych komponentów |
|
E5DC-RX2AUM-002 Arkusz danych(PDF) 17 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 Arkusz danych(HTML) 17 Page - Omron Electronics LLC |
|
17 / 120 page ![]() E5CC/E5CC-B/E5CC-U 17 Model Number Legend and Standard Models Model Number Legend Models with Screw Terminal Blocks E5CC- @@ 3 @ 5M -@@@ (Example: E5CC-RX3A5M-000) −− − − − − −−− AB C D E F *1. Options with HB and HS alarms (001 and 003) cannot be selected if a linear current output is selected for the control output. *2. The control output cannot be used as a transfer output. *3. Option 004 can be selected only when "CX" is selected for the control outputs. Note: Draw-out-type models of the E5CC are available. Ask your OMRON representative for details. Heating and Cooling Control Using Heating and Cooling Control A Control Output Assignment If there is no control output 2, an auxiliary output is used as the cooling control output. If there is a control output 2, the two control outputs are used for heating and cooling. (It does not matter which output is used for heating and which output is used for cooling.) B Control If PID control is used, you can set PID control separately for heating and cooling. This allows you to handle control systems with different heating and cooling response characteristics. Model A B C D E F Meaning Control outputs 1 and 2 No. of auxiliary outputs Power supply voltage Terminal type Input type Options E5CC 48 × 48 mm Control output 1 Control output 2 RX Relay output None QX Voltage output (for driving SSR) None *1 *3CX Linear current output *2 None QQ Voltage output (for driving SSR) Voltage output (for driving SSR) CQ Linear current output *2 Voltage output (for driving SSR) 3 3 (one common) A 100 to 240 VAC D 24 VAC/DC 5 Screw terminal blocks (with cover) M Universal input HB alarm and HS alarm Communications Event inputs Remote SP Input Transfer output 000 --- --- --- --- --- *1 001 1 --- 2 --- --- *1 003 2 (for 3-phase heaters) RS-485 --- --- --- *3 004 --- RS-485 2 --- --- 005 --- --- 4 --- --- 006 --- --- 2 Provided. 007 --- --- 2 Provided. --- |