| Zakładka z wyszukiwarką danych komponentów |
|
E5DC-RX2AUM-002 Arkusz danych(PDF) 18 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 Arkusz danych(HTML) 18 Page - Omron Electronics LLC |
|
18 / 120 page ![]() E5CC/E5CC-B/E5CC-U 18 Model Number Legend Models with Push-In Plus Terminal Blocks E5CC- @@ 2 @ BM -@@@ (Example: E5CC-RX2ABM-000) −− − − − − −−− AB C D E F Heating and Cooling Control Using Heating and Cooling Control A Control Output Assignment An auxiliary output is used as the cooling control output. B Control If PID control is used, you can set PID control separately for heating and cooling. This allows you to handle control systems with different heating and cooling response characteristics. Model A B C D E F Meaning Control outputs 1 and 2 No. of auxiliary outputs Power supply voltage Terminal type Input type Options E5CC 48 × 48 mm Control output 1 Control output 2 RX Relay output None QX Voltage output (for driving SSR) None 2 2 (one common) A 100 to 240 VAC D 24 VAC/DC B Push-in plus terminal blocks M Universal input HB alarm and HS alarm Communications Event inputs Remote SP Input Transfer output 000 --- --- --- --- --- 001 1 --- 2 --- --- 002 1 RS-485 --- --- --- 004 --- RS-485 2 --- --- 006 --- --- 2 --- Provided. |