Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EEUFC1E152S Arkusz danych(PDF) 2 Page - Panasonic Semiconductor

Numer części EEUFC1E152S
Szczegółowy opis  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1E152S Arkusz danych(HTML) 2 Page - Panasonic Semiconductor

  EEUFC1E152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Aluminum Electrolytic Capacitors (Radial Lead Type)
*1: 100 kHz
*2
Case size/ Impedance/ Ripple current
FC-A series
+20℃
0.030
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
0.025
1770
2300
1600
1230
1420
1920
917
1520
1730
1130
995
1170
114
260
340
0.460
0.230
635
0.310
730
0.056
0.044
0.096
0.086
0.086
0.030
0.080
0.048
0.034
0.028
0.388
0.294
0.260
0.180
0.155
0.120
0.162
0.100
0.050
0.196
0.174
0.110
0.094
0.055
0.047
2215
2285
0.080
0.068
0.050
0.144
0.280
0.084
0.180
0.042
0.090
2590
1610
0.060
0.160
1410
0.220
0.178
0.118
0.059
0.050
1765
2160
1835
2235
0.136
0.160
0.042
0.068
3360
0.072
0.043
0.036
2670
2770
2700
2790
0.094
0.240
0.060
0.172
0.030
0.086
2825
1690
2845
1900
0.025
0.023
0.032
0.070
0.062
0.086
0.064
0.034
0.043
0.032
2585
2950
2610
3000
0.058
0.050
3635
0.029
0.025
0.110
0.055
2290
2420
0.084
0.076
0.046
0.028
0.041
0.036
0.060
0.050
0.030
3095
3205
3100
—
0.046
—
3680
3735
0.023
—
0.140
0.124
0.082
0.072
—
—
—
4.10
1.80
0.680
0.450
0.098
0.087
0.072
0.140
0.110
0.089
0.062
0.053
0.047
0.120
0.080
0.124
0.106
8.20
3.60
1.36
0.660
1.060
0.720
0.480
0.420
0.300
0.900
100 V
63 V
Ripple
current*1
(mA rms)
Ripple
current*1
(mA rms)
Impedance*1
(Ω)
Impedance*1
(Ω)
-10℃
+20℃
50 V
-10℃
+20℃
Impedance*1
(Ω)
937
1040
793
Ripple
current*1
(mA rms)
—
—
—
145
240
405
535
2090
2265
2560
80
0.210
0.150
0.230
0.180
0.110
690
535
600
885
0.040
+20℃
0.085
0.025
0.022
-10℃
-10℃
0.036
*2
0.600
0.030
0.130
0.180
0.136
0.104
995
755
1050
1220
1440
0.068
0.058
0.170
0.030
0.018
0.043
0.029
0.022
0.018
0.016
0.015
0.468
0.234
0.119
0.090
0.082
2310
0.050
0.036
0.065
0.090
0.068
0.052
0.045
0.035
0.065
0.038
0.040
65
120
200
175
290
555
0.056
0.032
0.044
2000
2490
2740
1690
2205
2555
3010
2510
2655
3150
1945
1815
1205
1655
6.3 V to 35 V
4 × 7
5 × 7
6.3 × 7
5 × 11
6.3 × 11.2
8 × 11.5
0.234
R. voltage
2.00
0.950
0.450
0.800
0.350
0.117
Ripple
current*1
(mA rms)
Impedance*1
(Ω)
Case size
(mm)
(øD×L)
8 × 20
10 × 12.5
10 × 16
10 × 20
10 × 25
10 × 30
12.5 × 15
8 × 15
807
455
306
400
463
599
698
511
671
0.460
0.360
0.220
0.330
0.530
0.360
0.240
18 × 15
18 × 20
18 × 25
18 × 31.5
18 × 35.5
18 × 40
0.020
0.016
0.015
0.014
0.038
0.028
12.5 × 30
12.5 × 35
12.5 × 40
16 × 15
16 × 20
16 × 25
16 × 31.5
16 × 35.5
16 × 40
1050
1300
1020
1285
1720
0.300
0.170
0.140
2.00
1.00
0.178
0.256
0.194
0.147
0.130
0.090
0.150
0.085
0.070
4.00
2.00
0.684
0.356
0.512
0.342
1150
1480
1832
*2
1.20
0.240
0.324
0.238
0.180
0.164
0.120
0.220
0.126
0.100
*2
260
485
860
615
850
1030
1200
1610
12.5 × 20
12.5 × 25
—
—
—
—
—
—
—
—
—
0.090
0.070
0.130
0.076
0.060
5.00
2.40
1.20
1.60
0.700
0.060
0.110
0.063
—
—
—
—
—
—
—
—
—
—
—
—
Case size (mm)
Capacitance
Impedance (Ω) (100 kHz)
Ripple current
(ø D×L)
(μF)
+20℃
-10℃
(mA rms) (100 kHz)
5 × 11
2.2
1.80
3.60
45
3.3
1.30
2.60
65
4.7
1.30
2.60
95
10
1.30
2.60
125
12
1.30
2.60
135
15
1.30
2.60
145
18
1.30
2.60
155
22
1.30
2.60
155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com