Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EEUFC1E152S Arkusz danych(PDF) 6 Page - Panasonic Semiconductor

Numer części EEUFC1E152S
Szczegółowy opis  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1E152S Arkusz danych(HTML) 6 Page - Panasonic Semiconductor

Back Button EEUFC1E152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 9Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Aluminum Electrolytic Capacitors (Radial Lead Type)
Endurance : 105 ℃ 1000 h / ø4 to ø6.3, 105 ℃ 2000 h / ø8, 105 ℃ 3000 h / ø10, 105 ℃ 5000 h / ø12.5 to ø18
*1: Ripple current (100 kHz / +105 ℃)
*2: Impedance (100 kHz / +20 ℃)
・ When requesting taped product, please put the letter "B" or "H" be tween the "( )".
  Lead wire pitch ✽B=5 mm, 7.5 mm, H=2.5 mm.
・ Please refer to the page of “Taping dimensions”.
2000
200 2000
65 2.000 1000
120 0.950 1000
11.0
5.0
5.0
7.0
5.0
Part No.
4.0
7.0
200
FC-A series
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
Case size
(mm)
Specification
øD
Straight Taping
✽B
L
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
Endu-
rance
(h)
Lead
dia.
(ød)
Characteristics list
Lead length (mm)
Min. Packaging
Q'ty (PCS)
Lead space
Straight
leads
Taping
Taping
✽H
16.0
12.5
10.0
8.0
11.5
8.0
11.5
11.2
6.3
10.0
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
16.0 15.0
0.80
5.0
5.0
12.5 20.0
0.60
0.030 5000
1690 0.043 5000
1655 0.038 5000
50
—
50
250
0.450 1000
555 0.117 2000
555 0.117
8.0
15.0
10.0 12.5
6.3
11.2
11.0
5.0
6.3
7.0
5.0
200 2000
200 2000
175 0.800 1000
290 0.350 1000
290 0.350 1000
200 2000
200 2000
200 2000
175 0.800 1000
200
200 1000
200 1000
2000
730 0.085 2000
755 0.090 3000
5.0
0.60
3.5
0.60
5.0
5.0
500
200 1000
EEUFC1E271( )
EEUFC1E331L( )
200
3.5
1220 0.052 3000
2000
0.60
5.0
3.5
5.0
5.0
1050
5.0
5.0
0.60
0.068 3000
5.0
1050 0.068 3000
995
16.0 20.0
3000
0.045 3000
0.80
7.5
7.5
2205
1945
7.5
7.5
0.60
0.60
5.0
5.0
1815 0.035
1655 0.038 5000
1440
10.0 20.0
10.0 16.0
8.0
820
680
18.0 15.0
12.5 25.0
10.0 30.0
12.5 20.0
10.0 25.0
10.0 20.0
12.5 15.0
20.0
200
500
200
500
200 1000
500
200
500
200
200
500
200
500
200
500
100
250
200
500
100
—
200
500
100
250
200
500
200
500
100
250
—
100
—
100
250
100
—
100
250
—
100
—
100
250
100
—
EEUFC1E332S( )
EEUFC1E392L
EEUFC1E392
EEUFC1E102S( )
EEUFC1E122( )
EEUFC1E122S( )
EEUFC1E152( )
EEUFC1E152S( )
50
EEUFC1E472
100
—
—
—
—
EEUFC1E182L
EEUFC1E182( )
7.5
7.5
7.5
EEUFC1E222
EEUFC1E222S( )
EEUFC1E272( )
EEUFC1E332
—
—
—
—
—
—
—
—
—
7.5
5000
—
0.80
0.80
0.80
0.80
0.80
0.028 5000
0.022 5000
0.018 5000
0.020 5000
7.5
0.025 5000
0.029 5000
0.022 5000
0.065
755 0.090 3000
0.029 5000
5000
1945 0.030
2000 0.038 5000
1205 0.065
3000
5000
1220 0.052
16.0 35.5 3150
0.016 5000
0.015 5000
0.014 5000
EEUFC1E821( )
EEUFC1E821S( )
EEUFC1E102L
EEUFC1E102( )
2700
4700
1800
18.0 31.5 3635
18.0 35.5 3680
12.5 35.0 2510
18.0 20.0 2490
16.0 25.0 2555
12.5 25.0
EEUFC1E331( )
EEUFC1E391( )
EEUFC1E471L( )
EEUFC1E471( )
EEUFC1E561( )
EEUFC1E561S( )
EEUFC1E681( )
EEAFC1E100( )
EEAFC1E220( )
EEUFC1E390( )
EEAFC1E390( )
EEUFC1E470( )
EEUFC1E820( )
EEUFC1E101S( )
EEUFC1E181( )
EEUFC1E221( )
EEUFC1E562
2.5
2.5
2.5
2.5
2.5
2.5
2.5
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
—
5.0
7.5
—
7.5
—
7.5
7.5
—
—
—
—
1.5
2.0
2.0
2.5
2.0
2.5
2.5
3.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.5
5.0
7.5
5.0
7.5
7.5
7.5
7.5
0.45
0.45
0.50
0.45
0.50
0.50
0.50
0.60
0.60
0.60
0.60
0.60
0.60
0.60
0.60
0.60
0.60
0.80
0.80
0.80
0.80
0.80
0.80
0.80
1500
1000
560
470
330
39
12.5 30.0 2310
16.0 20.0 2205
0.016
18.0 40.0 3735
16.0 31.5 3010
18.0 25.0 2740
25
3900
3300
2200
5600
47
82
180
220
270
390
100
1200
22
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com