Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EEUFC1E152S Arkusz danych(PDF) 7 Page - Panasonic Semiconductor

Numer części EEUFC1E152S
Szczegółowy opis  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1E152S Arkusz danych(HTML) 7 Page - Panasonic Semiconductor

Back Button EEUFC1E152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 9Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 10Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Aluminum Electrolytic Capacitors (Radial Lead Type)
Endurance : 105 ℃ 1000 h / ø4 to ø6.3, 105 ℃ 2000 h / ø8, 105 ℃ 3000 h / ø10, 105 ℃ 5000 h / ø12.5 to ø18
*1: Ripple current (100 kHz / +105 ℃)
*2: Impedance (100 kHz / +20 ℃)
・ When requesting taped product, please put the letter "B" or "H" be tween the "( )".
  Lead wire pitch ✽B=5 mm, 7.5 mm, H=2.5 mm.
・ Please refer to the page of “Taping dimensions”.
FC-A series
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
Case size
(mm)
Specification
øD
Characteristics list
Lead length (mm)
Part No.
Min. Packaging
Q'ty (PCS)
Lead space
Straight
leads
Taping
Taping
✽H
Straight Taping
✽B
L
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
Endu-
rance
(h)
Lead
dia.
(ød)
0.45
1.5
5.0
2.0
2.0
2.0
5.0
0.800 1000
1000
4.0
7.0
5.0
0.50
200 2000
120 0.950 1000
65 2.000
175 0.800 1000
200 0.450 1000
175 0.800 1000
2.5
5.0
175
5.0
200 2000
200 2000
200 2000
EEAFC1V6R8( )
EEAFC1V120( )
EEUFC1V220( )
EEUFC1V270( )
200 2000
200 2000
200 1000
200 1000
5.0
5.0
200
0.60
3.5
5.0
2.5
5.0
200 1000
0.50
2.5
5.0
5.0
5.0
2000
200 2000
200 2000
200
500
200
500
EEUFC1V221( )
EEUFC1V271( )
5.0
200
500
200 1000
EEUFC1V221L( )
200 1000
200
500
EEUFC1V331L( )
EEUFC1V331( )
5.0
1050 0.068 3000
200
500
200
500
200
500
EEUFC1V391( )
EEUFC1V391S( )
EEUFC1V471( )
1945 0.030 5000
200
500
100
250
—
12.5 25.0
0.60
5.0
7.5
7.5
5.0
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
0.80
18.0 15.0 2000 0.038
2205 0.029 5000
20.0
16.0
5000
1945 0.030 5000
5.0
5.0
7.5
25.0
100
250
290 0.350 1000
290 0.350 1000
290 0.350 1000
555 0.117 2000
11.5
8.0
555 0.117 2000
11.5
8.0
11.5
730 0.085 2000
755 0.090 3000
555 0.117 2000
7.5
—
3000
5000
3000
3000
3000
5000
5.0
7.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
0.60
3.5
0.60
2.0
2.5
3.5
5.0
5.0
5.0
0.60
5.0
5.0
0.60
3.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
3.5
5.0
0.60
0.80
0.60
0.60
0.60
0.60
0.60
0.45
0.50
0.50
0.50
0.50
0.60
0.45
0.60
15.0
5000
1690 0.043 5000
0.60
0.60
0.80
10.0
12.5
16.0
1220 0.052
1205 0.065
0.045
1220 0.052
10.0
10.0
10.0
12.5
0.60
20.0
10.0
3000
995 0.065 2000
1050 0.068
755 0.090 3000
16.0
20.0
25.0
20.0
1655
1655 0.038
1440
27
7.0
11.0
11.0
7.0
11.0
11.2
11.2
11.2
22
47
5.0
5.0
5.0
6.3
5.0
6.3
6.3
6.3
33
56
12.5
8.0
10.0
8.0
10.0
8.0
12.5
10.0
200
200
—
—
—
12.5
15.0
16.0
20.0
15.0
30.0
20.0
12.5
0.038
1815 0.035
500
200
500
100
—
200
500
100
250
500
100
250
100
—
100
250
100
—
EEUFC1V182S( )
EEUFC1V222
EEUFC1V222S( )
EEUFC1V122L
50
—
100
—
100
250
100
—
50
—
50
—
100
250
100
250
100
—
100
250
EEUFC1V122( )
EEUFC1V152L
EEUFC1V152( )
EEUFC1V152S( )
EEUFC1V182L
EEUFC1V182( )
—
—
—
—
—
7.5
7.5
5.0
—
—
—
—
—
—
—
—
—
—
—
—
7.5
7.5
12.5 30.0 2310 0.025 5000
16.0 20.0 2205 0.029 5000
18.0 20.0 2490 0.028 5000
12.5 40.0 2655 0.018 5000
12.5 35.0 2510 0.022 5000
16.0 25.0 2555 0.022 5000
16.0 25.0 2555 0.022 5000
16.0 31.5 3010 0.018 5000
18.0 20.0 2490 0.028 5000
18.0 25.0 2740 0.020 5000
16.0 35.5 3150 0.016 5000
18.0 31.5 3635 0.016 5000
18.0 35.5 3680 0.015 5000
18.0 40.0 3735 0.014 5000
EEAFC1V270( )
EEUFC1V330( )
EEUFC1V470( )
EEUFC1V560( )
EEUFC1V680( )
EEUFC1V101( )
EEUFC1V121( )
EEUFC1V151( )
EEUFC1V181( )
EEUFC1V561( )
EEUFC1V561S( )
EEUFC1V681L
EEUFC1V681( )
EEUFC1V681S( )
EEUFC1V821L( )
EEUFC1V821( )
EEUFC1V102( )
EEUFC1V102S( )
EEUFC1V272L
EEUFC1V272
EEUFC1V332
EEUFC1V392
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
—
—
—
—
—
—
—
—
—
—
—
—
—
7.5
—
7.5
—
7.5
7.5
—
7.5
7.5
—
7.5
—
—
—
—
—
7.5
7.5
0.60
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
7.5
5.0
7.5
7.5
5.0
7.5
7.5
35
1500
2700
2200
1800
1200
1000
470
680
560
390
68
100
120
150
180
270
220
3300
3900
820
330
12
6.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com