Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EEUFC1E152S Arkusz danych(PDF) 14 Page - Panasonic Semiconductor

Numer części EEUFC1E152S
Szczegółowy opis  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1E152S Arkusz danych(HTML) 14 Page - Panasonic Semiconductor

Back Button EEUFC1E152S Datasheet HTML 9Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 10Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 11Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 12Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 13Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 14Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 15Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 16Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Aluminum Electrolytic Capacitors (Radial lead Type)
(5) Ripple current
Do not apply ripple currents exceeding the rated value.
Make sure that rated ripple currents superimposed on low DC bias voltages do not cause reverse voltage
conditions. Even if the current is below the rated ripple current, using the capacitor for longer than the rated
lifetime will cause ESR increase and internal generation of heat, which may eventually lead to vent open,
bulging of case/rubber, electrolyte leak, short circuit, explosion, or ignition in the worst case.
1.4 Connections in series or parallel
(1) Capacitors connected in parallel
Because the impedance of the capacitor and PCB’s wiring are very close, various impedance values may cause
unbalanced ripple current loads among parallel capacitors. Combine the same part number and wire them
carefully to minimize the potential risk of an excessive ripple current concentrating to one capacitor of the smallest
impedance.
(2) Capacitors connected in series
Voltage being applied to each capacitor must be smaller than the rated voltage. Unbalanced voltages to the series
capacitors may exceed the rated voltage. Voltage-divider resistors considering leakage currents could prevent the
over-voltage to the series capacitors. Conductive polymer hybrid aluminum electrolytic capacitors are not allowed
to be connected in series.
1.5 Capacitor mounting considerations
(1) For double sided circuit boards, avoid wiring patterns passing between the mounted capacitor and the circuit
board. When a radial lead type capacitor is dipped into a solder bath, an excess solder may deposit under the
capacitor by capillary action, causing short circuit between anode and cathode terminals. Also, lead holes must
be placed with special care for radial lead type capacitors because laminate on capacitor’s surface may become
damaged during flow process.
(2) The pitch between circuit board holes should match the lead wire pitch of the radial lead type capacitors within
the specified tolerances. Unmatched pitch may cause an excessive stress on lead wires during the insertion
process and result in short/open circuit, increased leakage current, or electrolyte leak.
(3) Clearance for case mounted pressure relief
Capacitors with case mounted pressure relief require sufficient clearance to allow for proper pressure relief
operation. The minimum clearance are dependent on capacitor diameters as follows.
(Ø 10 mm to Ø 16 mm: 2 mm minimum, Ø 18 mm: 3 mm minimum)
(4) Wiring near the pressure relief
Avoid locating high voltage or high current wiring or circuit board paths above the pressure relief. Flammable,
high temperature gas that exceeds 100 ℃ may be released which could dissolve the wire insulation and ignite.
(5) Circuit board patterns under the capacitor
Avoid circuit board runs under the capacitor, as an electrical short can occur due to an electrolyte leakage.
(6) Resonant vibration after circuit board’s production may make a heavy load on the capacitor and cause rapid
change in characteristics and/or capacitor’s break.
1.6 Electrical isolation
Electrically isolate the capacitor’s case from cathode terminals, as well as circuit patterns.
1.7 Capacitor sleeve and coating
The vinyl sleeve or laminate coating is intended for marking and identification purposes and is not meant to
electrically insulate the capacitor.
The sleeve may split or crack if immersed into solvents such as toluene or xylene and then subsequently
exposed to high temperatures.
2. Capacitor handling techniques
2.1 Considerations before using
(1) Capacitors have a finite life. Do not reuse or recycle capacitors from used equipment.
(2) Transient recovery voltage may be generated in the capacitor due to dielectric absorption.
If required, this voltage can be discharged with a resistor with a value of about 1 kΩ.
(3) Capacitors stored for a long period of time may exhibit an increase in leakage current.
This can be corrected by gradually applying rated voltage in series with a resistor of approximately 1 kΩ.
(4) If capacitors are dropped, they can be damaged mechanically or electrically. Avoid using dropped
capacitors.
(5) Dented or crushed capacitors should not be used.
The seal integrity can be damaged and loss of electrolyte/ shortened life can result.
01-Oct-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com