Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EEUFC1E152S Arkusz danych(PDF) 4 Page - Panasonic Semiconductor

Numer części EEUFC1E152S
Szczegółowy opis  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1E152S Arkusz danych(HTML) 4 Page - Panasonic Semiconductor

  EEUFC1E152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Aluminum Electrolytic Capacitors (Radial Lead Type)
Endurance : 105 ℃ 1000 h / ø4 to ø6.3, 105 ℃ 2000 h / ø8, 105 ℃ 3000 h / ø10, 105 ℃ 5000 h / ø12.5 to ø18
*1: Ripple current (100 kHz / +105 ℃)
*2: Impedance (100 kHz / +20 ℃)
・ When requesting taped product, please put the letter "B" or "H" be tween the "( )".
  Lead wire pitch ✽B=5 mm, 7.5 mm, H=2.5 mm.
・ Please refer to the page of “Taping dimensions”.
7.0
11.0
7.0
11.0
11.2
Lead length (mm)
Part No.
Min. Packaging
Q'ty (PCS)
Lead space
Straight
leads
1000
5.0
1000
5.0
2.0
0.45
200 2000
1000
1000
1000
2000
200 2000
FC-A series
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
Case size
(mm)
øD
L
Specification
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
Endu-
rance
(h)
Lead
dia.
(ød)
Taping
Taping
✽H
Characteristics list
3000
290 0.350 1000
5.0
755 0.090
5.0
12.5
555 0.117 2000
5.0
5.0
11.5
11.2
11.2
11.5
2000
5.0
2000
5.0
3.5
3.5
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
995 0.065
1050 0.068
3000
755 0.090
5.0
12.5
1000
500
500
3000
5.0
16.0
16.0
18.0
18.0
18.0
EEUFC1A822
5.0
2.5
0.45
5.0
200
200
2000
2000
0.50
2000
200 2000
2000
5.0
15.0
730 0.085
0.80
EEUFC1A682S( )
25.0
35.5
2740 0.020 5000
3000
5.0
5.0
3.5
5.0
0.60
0.60
20.0
16.0
2000
EEUFC1A822L
20.0
—
—
7.5
7.5
0.80
0.80
31.5
35.5
3635 0.016
—
7.5
0.80
40.0 3735 0.014 5000
3680 0.015 5000
EEUFC1A102( )
18.0
11.5
4.0
5.0
5.0
6.3
5.0
6.3
6.3
6.3
8.0
8.0
8.0
10.0
8.0
10.0
10.0
8.0
10.0
0.60
0.60
0.60
0.60
1000
200
200
200
200
200
100
100
50
5000
3150 0.016 5000
7.5
—
7.5
7.5
0.80
100
100
—
—
—
10.0
2.000
22
5.0
1.5
0.45
1000
7.0
Straight Taping
✽B
65
200
1000
200 500
200 1000
200
200
200
200
1000
1000
200
2000
200 500
200 500
500
200 500
200 500
250
100
—
500
200 500
100 250
100
—
250
—
100 250
100
—
100 250
100 250
—
50
—
250
100
—
100 250
100
—
50
—
0.50
0.50
0.50
0.50
0.60
0.60
—
5.0
7.5
7.5
7.5
7.5
7.5
5.0
7.5
5.0
7.5
5.0
5.0
5.0
3.5
5.0
3.5
5.0
0.60
0.80
0.80
0.80
0.80
0.80
0.80
0.60
0.60
0.60
0.60
0.80
0.60
0.60
15.0
12.5 15.0
10.0 25.0
12.5 20.0
16.0 15.0
18.0 20.0
12.5 30.0
16.0 20.0
12.5 35.0
16.0 20.0
16.0 31.5
EEAFC1A220( )
EEAFC1A390( )
EEUFC1A820( )
EEAFC1A820( )
EEUFC1A101S( )
EEUFC1A151( )
EEUFC1A181( )
EEUFC1A221S( )
EEUFC1A331( )
EEUFC1A391( )
EEUFC1A471( )
EEUFC1A561( )
EEUFC1A681L( )
EEUFC1A681( )
EEUFC1A821( )
EEUFC1A102L( )
12.5 40.0
16.0 25.0
16.0 25.0
EEUFC1A122( )
EEUFC1A122S( )
EEUFC1A152( )
EEUFC1A182( )
EEUFC1A182S( )
EEUFC1A222L
EEUFC1A222( )
EEUFC1A272( )
EEUFC1A272S( )
EEUFC1A332
EEUFC1A332S( )
EEUFC1A392L
EEUFC1A392( )
EEUFC1A472L
EEUFC1A472( )
EEUFC1A562( )
EEUFC1A562S( )
EEUFC1A682
EEUFC1A103
EEUFC1A123
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
5.0
5.0
5.0
5.0
5.0
7.5
—
5.0
5.0
7.5
—
7.5
—
7.5
—
7.5
7.5
7.5
2.0
2.0
2.5
2.5
5.0
5.0
5.0
5.0
7.5
5.0
2.5
0.80
0.80
1000
3000
5000
3000
5000
5000
3000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
0.80
0.80
0.60
0.950
0.800
0.350
0.350
0.117
0.117
0.068
0.052
0.065
0.450
0.800
0.045
0.038
0.043
0.035
0.038
0.030
0.038
0.025
0.029
120
175
290
290
555
555
1050
1220
200
175
2490
3010
0.022
0.029
0.018
0.022
0.022
0.028
0.018
390
82
2310
2205
2510
2205
2655
2555
2555
1205
1440
1655
1690
1815
1655
1945
2000
10.0 30.0
12.5 20.0
12.5 25.0
18.0
8200
6800
5600
4700
3900
10
10000
12000
1500
3300
2700
2200
1800
470
560
820
1200
680
39
100
150
180
220
330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com