Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCS.06.M Arkusz danych(PDF) 3 Page - Taoglas antenna solutions

Numer części PCS.06.M
Szczegółowy opis  Havok
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAOGLAS [Taoglas antenna solutions]
Strona internetowa  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCS.06.M Arkusz danych(HTML) 3 Page - Taoglas antenna solutions

  PCS.06.M Datasheet HTML 1Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 2Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 3Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 4Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 5Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 6Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 7Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 8Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3
SPE-20-8-122-C
www.taoglas.com
The Havok PCS.06.M is a low profile 4G Cellular SMD Dielectric embedded antenna designed for direct SMD
mount on a device PCB. It provides high efficiency in a very small factor 42*10*3mm. If tuning is required it
can be tuned for the device environment, while there is no need for new tooling.
Its rectangular shape and very small size make it very easy to integrate – packaged in tape and reel, it can be
mounted via pick and place to reflow solder directly on the edge of the PCB board. This antenna is
recommended to be used with longer ground-plane lengths of 120mm or more to attain its highest rated
efficiency, note the return loss and efficiency graphs in this datasheet.
The PCS.06.M is a mirrored version of the standard PCS.06.A and it has been designed to operate in parallel
with the PCS.06.A in a MIMO system.
Typical Applications Include:
-
Handheld Devices
-
Remote Monitoring
-
MIMO Cellular Devices
The antenna is suitable for lower cost cellular applications, especially for telematics and automotive sector.
Contact your regional Taoglas customer support team for quick and professional support from our senior
engineering team on integration and matching of the antenna to your device.
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com