Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCS.06.M Arkusz danych(PDF) 25 Page - Taoglas antenna solutions

Numer części PCS.06.M
Szczegółowy opis  Havok
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAOGLAS [Taoglas antenna solutions]
Strona internetowa  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCS.06.M Arkusz danych(HTML) 25 Page - Taoglas antenna solutions

Back Button PCS.06.M Datasheet HTML 21Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 22Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 23Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 24Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 25Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 26Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 27Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 28Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 29Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
25
SPE-20-8-122-C
www.taoglas.com
6.7
Evaluation Board Matching Circuit
A matching component (L1) in parallel with the PCS.06.M is required for the antenna to have optimal
performance on the evaluation board, located outside of the ground plane in the space specified in the
above images. C1 is also required as a matching component for this antenna. C1 is positioned sitting
across the ground plane as shown in the above images. Additional matching components may be
necessary for your device, so we recommend incorporating extra component footprints, forming a “pi”
network, between the cellular module and the edge of the ground plane.
Designator
Type
Value
Description
L1
Inductor
6.8nH
TDK: MLK1005S Series
C1
Capacitor
6.8pF
Murata:GRM1555 Series
C2
Capacitor
Not Fitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com