Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCS.06.M Arkusz danych(PDF) 20 Page - Taoglas antenna solutions

Numer części PCS.06.M
Szczegółowy opis  Havok
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAOGLAS [Taoglas antenna solutions]
Strona internetowa  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCS.06.M Arkusz danych(HTML) 20 Page - Taoglas antenna solutions

Back Button PCS.06.M Datasheet HTML 16Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 17Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 18Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 19Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 20Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 21Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 22Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 23Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 24Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
20
SPE-20-8-122-C
www.taoglas.com
6.1
Schematic Symbol and Pin Definition
The circuit symbol for the antenna is shown below. The antenna has 4 pins with only two pins (Pin 1
and Pin 2) as functional. Pins 3 and 4 are for mechanical strength.
Pin
Description
1
RF Feed
2
Ground
3, 4
Mechanical, Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com