Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCS.06.M Arkusz danych(PDF) 4 Page - Taoglas antenna solutions

Numer części PCS.06.M
Szczegółowy opis  Havok
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAOGLAS [Taoglas antenna solutions]
Strona internetowa  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCS.06.M Arkusz danych(HTML) 4 Page - Taoglas antenna solutions

  PCS.06.M Datasheet HTML 1Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 2Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 3Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 4Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 5Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 6Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 7Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 8Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
SPE-20-8-122-C
www.taoglas.com
Electrical
Band
Frequency (MHz)
Efficiency
(%)
Average Gain
(dB)
Peak Gain
(dBi)
Impedance
Polarization
Max. input power
5GNR/4G
Band 5,8,12,13,14,17,18,20,
26,27,28, 29
698~960
50
-3.1
0.5
50Ω
Linear
5W
5GNR/4G
Band 21,32,74,75,76
1427~1518
34
-4.8
1.0
4G/3G
Band 1,2,3,4,9,23,25,35,39,66
1710~2200
61
-2.1
3.4
Wi-Fi
2400
2400~2500
44
-3.5
2.6
4G/3G
Band 7,38,41
2490~2690
49
-3.0
2.9
Mechanical
Antenna Dimensions
42mm x 10mm x 3mm
Material
FR4
Weight
2.5g
Soldering Type
SMD through Reflow
Environmental
Temperature Range
-40°C to 85°C
* All measurements were done on 120*45mm EVB board with 100mm length ground plane.
2.
Specifications
3.
Antenna Characteristics2.
Specifications
3.
Antenna Characteristics
4.
Antenna Radiation Patterns3.Antenna
Characteristics2.
Specifications
3.
Antenna Characteristics2.
Specifications
3.
Antenna Characteristics
4.
Antenna Radiation Patterns3.Antenna
Characteristics
4.
Antenna Radiation Patterns
4.
Antenna Radiation Patterns3.Antenna
Characteristics
4.
Antenna Radiation Patterns3.Antenna
Characteristics2.
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com