| Zakładka z wyszukiwarką danych komponentów |
|
910GL Arkusz danych(PDF) 399 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
910GL Arkusz danych(HTML) 399 Page - Intel Corporation |
|
399 / 426 page ![]() Testability R Datasheet 399 15 Testability In the (G)MCH, testability for Automated Test Equipment (ATE) board level testing has been implemented as an XOR chain. An XOR-tree is a chain of XOR gates each with one input pin connected to it. 15.1 Complimentary Pins Table 15-1 contains pins which must remain complimentary while performing XOR testing. The first and third columns contain the pin and its compliment. The second and fourth columns specify which chain the associated pins are on. Note: The SDQSx# pins are only used in DDR2 mode. In DDR it is not necessary to drive SDQS_A[7:0]# or SDQS_B[7:0]#. Table 15-1. Complimentary Pins to Drive Complimentary Pin XOR Chain Complimentary Pin XOR Chain HDSTBP0# FSB XOR 1 H_DSTBN0# FSB XOR 1 HDSTBP1# FSB XOR 0 HDSTBN1# FSB XOR 0 HDSTBP2# FSB XOR 0 HDSTBN2# FSB XOR 0 HDSTBP3# FSB XOR 0 HDSTBN3# FSB XOR 0 SDQS_A0 SM XOR 6 SDQS_A0# SM XOR 4 SDQS_A1 SM XOR 6 SDQS_A1# SM XOR 4 SDQS_A2 SM XOR 6 SDQS_A2# SM XOR 4 SDQS_A3 SM XOR 4 SDQS_A3# SM XOR 6 SDQS_A4 SM XOR 4 SDQS_A4 SM XOR 2 SDQS_A5 SM XOR 2 SDQS_A5# SM XOR 4 SDQS_A6 SM XOR 2 SDQS_A6# SM XOR 4 SDQS_A7 SM XOR 2 SDQS_A7# SM XOR 4 SDQS_A8 SM XOR 2 SDQS_A8# SM XOR 4 SDQS_B0 SM XOR 7 SDQS_B0# SM XOR 5 SDQS_B1 SM XOR 7 SDQS_B1# SM XOR 5 SDQS_B2 SM XOR 7 SDQS_B2# SM XOR 5 SDQS_B3 SM XOR 7 SDQS_B3# SM XOR 5 SDQS_B4 SM XOR 7 SDQS_B4# SM XOR 5 SDQS_B5 SM XOR 3 SDQS_B5# SM XOR 5 SDQS_B6 SM XOR 3 SDQS_B6# SM XOR 5 SDQS_B7 SM XOR 3 SDQS_B7# SM XOR 5 SDQS_B8 SM XOR 7 SDQS_B8# SM XOR 5 |