Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MRF49XA-I/T Arkusz danych(PDF) 64 Page - Microchip Technology

Numer części MRF49XA-I/T
Szczegółowy opis  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA-I/T Arkusz danych(HTML) 64 Page - Microchip Technology

Back Button MRF49XA-I/T Datasheet HTML 60Page - Microchip Technology MRF49XA-I/T Datasheet HTML 61Page - Microchip Technology MRF49XA-I/T Datasheet HTML 62Page - Microchip Technology MRF49XA-I/T Datasheet HTML 63Page - Microchip Technology MRF49XA-I/T Datasheet HTML 64Page - Microchip Technology MRF49XA-I/T Datasheet HTML 65Page - Microchip Technology MRF49XA-I/T Datasheet HTML 66Page - Microchip Technology MRF49XA-I/T Datasheet HTML 67Page - Microchip Technology MRF49XA-I/T Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 102 page
background image
MRF49XA
DS70590C-page 64
Preliminary
© 2009-2011 Microchip Technology Inc.
3.15
Low Duty Cycle Mode
In Low Duty Cycle mode, the receiver periodically
wakes up for a short period and checks for the valid
FSK transmission in progress. The FSK transmission is
detected in the frequency range determined by
CFSREG and the baseband filter bandwidth is
determined by the RXCREG. The on time is
automatically extended until the DQI indicates a good
received signal condition.
The following facts need to be considered while
calculating the duty cycle on-time:
• The crystal oscillator, the synthesizer and the PLL
need time to start (see Table 5-7).
• Depending on the DQTI, the device needs to
receive few valid data bits before the DQI signal
indicates a good signal condition (see
Register 2-8).
Selecting a short on-time can prevent the crystal
oscillator from starting, or the DQI signal will not go high
even when the received signal has a good quality. The
MRF49XA is normally configured to work in FIFO mode.
However, when the device periodically wakes up from
Sleep mode, it switches to the Receive mode. If valid
FSK data is received, the device sends an interrupt to
the microcontroller and continues filling the RXFIFO. On
completion of transmission, the FIFO is read out
completely and all other interrupts are cleared. The
device then returns to the Low-Power Consumption
mode. Figure 3-13 depicts the Low-Power Duty Cycle
mode sequence.
The low duty cycle is calculated by using the DCMV
(DCSREG<7:1>) and WTMV (WTSREG<7:0>) bits, as
shown in Equation 3-3. The time cycle is determined by
the WTSREG.
EQUATION 3-3:
The registers associated with Low Duty Cycle mode
are:
•STSREG (see Register 2-1)
• GENCREG (see Register 2-2)
• RCXREG (see Register 2-7)
• BBFCREG (see Register 2-8)
• PMCREG (see Register 2-13)
• WTSREG (see Register 2-14)
FIGURE 3-13:
LOW-POWER DUTY CYCLE MODE SEQUENCE
Note: In Duty Cycle mode, the RXCEN bit must
be cleared and the WUTEN bit must be
set in PMCREG.
DC = (DCMV<7:1> x 2 + 1)/WTMV<7:0> x 100%
Transmitter
Receiver
Receiving
DQI
IRO
Microcontroller
Operation
FIFO Read
FIFO Read
B.
Packet
Packet A
Packet A
Packet A
Packet A
Packet A
TWAKE-up
B.
B.
B.
B.
Packet
Start/Send
Start/Send



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More