| Zakładka z wyszukiwarką danych komponentów |
|
MRF49XA-I/T Arkusz danych(PDF) 88 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MRF49XA-I/T Arkusz danych(HTML) 88 Page - Microchip Technology |
|
88 / 102 page ![]() MRF49XA DS70590C-page 88 Preliminary © 2009-2011 Microchip Technology Inc. FIGURE 5-5: RECEIVER SENSITIVITY OVER AMBIENT TEMPERATURE (433 MHz, 2.4 kbps, ΔfFSK: 45 kHz, BW: 67 kHz) FIGURE 5-6: RECEIVER SENSITIVITY OVER AMBIENT TEMPERATURE (868 MHz, 2.4 kbps, ΔfFSK: 45 kHz, BW: 67 kHz) Receiver Sensitivity over Ambient Temperature for 433 MHz -115 -112 -109 -106 -103 -100 -50 -25 0 25 50 75 100 Temperature (°C) 2.2V 2.7V 3.3V 3.8V Receiver Sensitivity over Ambient Temperature for 868 MHz -115 -112 -109 -106 -103 -100 -50 -25 0 25 50 75 100 Temperature (°C) 2.2V 2.7V 3.3V 3.8V |