Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N7002BKMB Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 2N7002BKMB
Szczegółowy opis  60 V, single N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002BKMB Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 2N7002BKMB Datasheet HTML 3Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 4Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 5Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 6Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 7Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 8Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 9Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 10Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
2N7002BKMB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 13 June 2012
7 of 15
NXP Semiconductors
2N7002BKMB
60 V, single N-channel Trench MOSFET
Tj = 25 °C
Tj = 25 °C; VDS = 5 V
(1) minimum values
(2) typical values
(3) maximum values
Fig 7.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 8.
Sub-threshold drain current as a function of
gate-source voltage
Tj = 25 °C
(1) VGS = 3.25 V
(2) VGS = 3.5 V
(3) VGS = 4 V
(4) VGS = 5 V
(5) VGS = 10 V
ID = 500 mA
(1) Tj = 150 °C
(2) Tj = 25 °C
Fig 9.
Drain-source on-state resistance as a function
of drain current; typical values
Fig 10. Drain-source on-state resistance as a function
of gate-source voltage; typical values
VDS (V)
0.0
4.0
3.0
1.0
2.0
017aaa039
0.4
0.5
0.3
0.2
0.1
0.6
0.7
ID
(A)
0.0
3.5 V
VGS = 4.0 V
3.0 V
2.75 V
2.5 V
3.25 V
017aaa040
VGS (V)
0.0
3.0
2.0
1.0
10−4
10−5
10−3
ID
(A)
10−6
(2)
(1)
(3)
ID (A)
0.0
1.0
0.8
0.4
0.6
0.2
017aaa041
2.0
4.0
6.0
RDSon
(
Ω)
0.0
(1)
(2)
(3)
(4)
(5)
VGS (V)
0.0
10.0
8.0
4.0
6.0
2.0
017aaa042
2.0
4.0
6.0
RDSon
(
Ω)
0.0
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com