Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N7002BKMB Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 2N7002BKMB
Szczegółowy opis  60 V, single N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002BKMB Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 2N7002BKMB Datasheet HTML 6Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 7Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 8Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 9Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 10Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 11Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 12Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 13Page - NXP Semiconductors 2N7002BKMB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2N7002BKMB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 13 June 2012
10 of 15
NXP Semiconductors
2N7002BKMB
60 V, single N-channel Trench MOSFET
8.
Test information
9.
Package outline
Fig 18. Duty cycle definition
t1
t2
P
t
006aaa812
duty cycle
δ =
t1
t2
Fig 19. Package outline SOT883B (DFN1006B-3)
11-11-02
Dimensions in mm
2
3
0.55
0.47
0.30
0.22
1
0.40
0.34
0.30
0.22
0.20
0.12
0.65
0.04 max
0.35
0.65
0.55
1.05
0.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com