Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

45111 Arkusz danych(PDF) 118 Page - List of Unclassifed Manufacturers

Numer części 45111
Szczegółowy opis  14-DAY MONEY BACK GUARANTEE
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

45111 Arkusz danych(HTML) 118 Page - List of Unclassifed Manufacturers

Back Button 45111 Datasheet HTML 114Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 115Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 116Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 117Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 118Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 119Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 120Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 121Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 122Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 184 page
background image
12 Appendix B: Instruction Set Overview
Page 118
• SX-Key/Blitz Development System Manual 2.0 • Parallax, Inc.
12.5 Instruction Set Quick Reference
This chart is a quick reference to command syntax, size, cycle time, CARRYX sensitivity and affected
flags and registers. An explanation of the abbreviations used, can be found on the next page.
Table 25 - SX Instruction Set Quick Reference
Instruction
Affects
W C Instruction
Affects
W
C
ADD
fr,W
fr C DC Z
1
1
MOV
W,{<<|>>}fr
W C
1
1
ADD
fr1,[#lit|fr2]
fr1 W C DC Z
2
2
MOV
W,<>fr
W
1
1
ADD
W,fr
W C DC Z
1
1
MOV
W,fr-W
W C DC Z
1
1
ADDB
fr,{/}op.bit
fr Z
2
2
MOV
W,[#lit|M]
W
1
1
AND
fr,W
fr Z
1
1
MOV
M,fr
W M Z
2
2
AND
fr1,[#lit|fr2]
fr1 W Z
2
2
MOV
M,[#lit|W]
M
1
1
AND
W,[#lit|fr]
W Z
1
1
MOV
!OPTION,[fr|#lit]
[W Z OPT|W OPT]
2
2
BANK
fr
FSR
1
1
MOV
!OPTION,W
OPT
1
1
CALL
addr8
PC
1
3
MOV
!port,[fr|#lit]
[W Z !port|W !port] 2
2
CJA
fr1,[#lit|fr2],addr9
W C DC Z
4 4,6 MOV
!port,W
!port (W)
1
1
CJAE
fr1,[#lit|fr2],addr9
W C DC Z
4 4,6 MOVB
op1.bit1,{/}op2.bit2
op1.bit1
4
4
CJB
fr1,[#lit|fr2],addr9
W C DC Z
4 4,6 MOVSZ W, [++|--]
W
1
1,2
CJBE
fr1,[#lit|fr2],addr9
W C DC Z
4 4,6 NOP
none
1
1
CJE
fr1,[#lit|fr2],addr9
W C DC Z
4 4,6 NOT
[fr|W]
[fr Z|W Z]
1
1
CJNE
fr1,[#lit|fr2],addr9
W C DC Z
4 4,6 OR
fr,W
fr Z
1
1
CLC
C
1
1
OR
fr1,[#lit|fr2]
fr1 W Z
2
2
CLR
[fr|W|!WDT]
[fr Z|W Z|(*1)]
1
1
OR
W,[fr, #lit]
W Z
1
1
CLRB
op.bit
op.bit
1
1
PAGE
addr12
PAx
1
1
CLZ
Z
1
1
RET
PC
1
3
CSA
fr1,[#lit|fr2]
W C DC Z
3 3,4 RETI
C DC Z PAx PC W
1
3
CSAE
fr1,[#lit|fr2]
W C DC Z
3 3,4 RETIW
RTCC (*2)
1
3
CSB
fr1,[#lit|fr2]
W C DC Z
3 3,4 RETP
PAx, PC
1
3
CSBE
fr1,[#lit|fr2]
W C DC Z
3 3,4 RETW
#lit{,#lit…}
PC W
x
3*x
CSE
fr1,[#lit|fr2]
W C DC Z
3 3,4 RL
fr
fr C
1
1
CSNE
fr1,[#lit|fr2]
W C DC Z
3 3,4 RR
fr
fr C
1
1
DEC
fr
fr Z
1
1
SB
op.bit
PC
1
1,2
DECSZ
fr
fr
1 1,2 SC
PC
1
1,2
DJNZ
fr,addr9
fr Z PC
2 2,4 SETB
op.bit
op.bit
1
1
IJNZ
fr,addr9
fr Z PC
2 2,4 SKIP
PC
1
2
INC
fr
fr Z
1
1
SLEEP
WDT TO PD
1
1
INCSZ
fr
fr
1 1,2 SNB
op.bit
PC
1
1,2
IREAD
MODE W
1
4
SNC
PC
1
1,2
JB
op.bit,addr9
PC
2 2,4 SNZ
PC
1
1,2
JC
addr9
PC
2 2,4 STC
C
1
1,2
JMP
[addr9|W]
PC
1
3
STZ
Z
1
1,2
JMP
[W|PC+W]
[PC|PC C DC Z]
1
3
SUB
fr1,[#lit|fr2]
fr1 W C DC Z
2
2
JNB
op.bit,addr9
PC
2 2,4 SUB
fr,W
fr C DC Z
1
1
JNC
addr9
PC
2 2,4 SUBB
fr,{/}op.bit
fr Z
2
2
JNZ
addr9
PC
2 2,4 SWAP
fr
fr
1
1
JZ
addr9
PC
2 2,4 SZ
PC
1
1,2
MODE
lit
M
1
1
TEST
[fr|W]
Z
1
1
MOV
fr, W
fr
1
1
XOR
fr1,[#lit|fr2]
fr1 W Z
2
2
MOV
fr1,[#lit|fr2]
[fr1 W|fr1 W Z]
2
2
XOR
fr,W
fr Z
1
1
MOV
fr,M
fr W
2
2
XOR
W,[fr|#lit]
W Z
1
1
MOV
W,{/|++|--}fr
W Z
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com