Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

45111 Arkusz danych(PDF) 21 Page - List of Unclassifed Manufacturers

Numer części 45111
Szczegółowy opis  14-DAY MONEY BACK GUARANTEE
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

45111 Arkusz danych(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 45111 Datasheet HTML 17Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 18Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 19Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 20Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 21Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 22Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 23Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 24Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 184 page
background image
4 The SX-Key/Blitz Interface
SX-Key/Blitz Development System Manual 2.0
• Parallax, Inc. • Page 21
Table 1 - Editor Shortcut Keys
Function
Name
Shortcut
Keys
Function Description
Copy
Ctrl-C
Copies selected text to the clipboard.
Cut
Ctrl-X
Cuts selected text to the clipboard.
Paste
Ctrl-V
Pastes clipboard contents.
Page Up
PgUp
Moves editor window one page up.
Page Down
PgDn
Move editor window one page down.
Begin of Line
Home
Move the cursor to column 1 in the current line
End of Line
End
Move the cursor behind the last character in the line.
Begin of Text Ctrl-Home Moves the cursor to row 1, column 1 in the editor window.
End of Text
Ctrl-End
Moves the cursor behind the last character of the text in the editor.
Tab
Tab
Moves cursor to the next tab position. The tab position can be set in the configu-
ration dialog.
4.3 The Menus
The SX editor menu bar contains four menus: File, Edit, Run and Help. These menus and their associated
menu items are each described below. The most important functions can be also selected with one of the
shortcut buttons in the tool bar that are also shown below. You will find details to some of the functions
that can be selected via the menus later in this manual.
4.3.1
The File Menu
New
Creates a new, empty edit window. Use this item to start a new source code
editing session. You may also click the shortcut button to create a new file. When
you start the editor software, a blank session will be opened automatically, called
“Blank 1”.
When you select “New” while another editing session is already open, it will be
moved to the “background” but it will still remain open. The open files list to the
left displays the names of all open sessions.
Open…
Opens a browse window to locate and load source code files. As an alternative,
click the shortcut button, or type Ctrl-O to open an existing file.
Again, if there is another session already open, it will be moved to the
background.
The names of all currently open files are listed in the open files list to the left of
the editor window. To switch between the sessions, left-click on the name of the
file you want to see in the foreground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com