Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

45111 Arkusz danych(PDF) 100 Page - List of Unclassifed Manufacturers

Numer części 45111
Szczegółowy opis  14-DAY MONEY BACK GUARANTEE
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

45111 Arkusz danych(HTML) 100 Page - List of Unclassifed Manufacturers

Back Button 45111 Datasheet HTML 96Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 97Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 98Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 99Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 100Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 101Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 102Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 103Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 104Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 184 page
background image
10 SX Special Features and Coding Tips
Page 100
• SX-Key/Blitz Development System Manual 2.0 • Parallax, Inc.
Multiple Interrupts:
Using more than one interrupt, such as multiple external interrupts or both
RTCC and external interrupts, can result in missed or, at best, jittery interrupt handling should one
occur during the processing of another.
Clearing Pending Bits:
When handling external interrupts, the interrupt routine should clear at least
one pending register bit. The bit that is cleared should represent the interrupt being handled in or-
der for the next interrupt to trigger.
Debugging Interrupts:
The SX chip may act strangely while debugging code that contains interrupts.
The SX chip may or may not enter the RTCC interrupt routine (and will never enter a MIWU
interrupt) while using the Step or Walk functions. This is due to the SX chip giving higher priority
to the SX-Key than its internal interrupt flags. If interrupt code needs to be debugged or verified, place a
BREAK directive, or a breakpoint, in an appropriate place within the interrupt routine and use the Run or
Poll functions.
10.4.1 RTCC Rollover Interrupts
The SX chip can be set to cause an interrupt upon rollover of the Real Time Clock Counter (RTCC). By
configuring an interrupt on RTCC rollover, the SX chip can perform an operation at a predefined time
interval in a deterministic fashion. This can be configured by setting the STACKX or OPTIONX fuse (in
the DEVICE directive) and writing to the RTI, RTS and RTE bits of the Option register (OPTION). The
RTCC rollover interrupt is disabled by default.
To configure the RTCC rollover interrupt:
1) Set the STACKX or OPTIONX fuse in the DEVICE line.
2) Write to the RTI, RTS and RTE bits of the OPTION register to enable RTCC interrupts. For RTI, a
high bit (1) disables RTCC rollover interrupts and a low bit (0) enables RTCC rollover interrupts.
For RTS, a high bit (1) selects incrementing RTCC on internal clock cycle and a low bit (0)
increments RTCC on the RTCC pin transitions. For RTE, a high bit (1) selects incrementing on low-
to-high transition and a low bit (0) increments on a high-to-low transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com