Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

45111 Arkusz danych(PDF) 80 Page - List of Unclassifed Manufacturers

Numer części 45111
Szczegółowy opis  14-DAY MONEY BACK GUARANTEE
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

45111 Arkusz danych(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button 45111 Datasheet HTML 76Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 77Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 78Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 79Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 80Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 81Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 82Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 83Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 184 page
background image
8 The Parallax Assembler
Page 80
• SX-Key/Blitz Development System Manual 2.0 • Parallax, Inc.
Table 16 - Parallax Assembler DEVICE Options
Setting
Description
Default
SX18/SX18L
SX28/SX28L
SX48
SX52
Specifies the device type
SX18
OSCHS3/OSCXTMAX
OSCHS2/OSCXT5
OSCHS1/OSCXT4
OSCXT2/OSCXT3
OSCXT1
OSCLP2
OSCLP1/OSCXTMIN
OSCRC
High speed crystal/res., 1MHz…75MHz *
High speed crystal/res., 1MHz…50MHz *
High speed crystal/res., 1MHz…50MHz *
Normal crystal/res., 1MHz…24MHz *
Normal crystal/res., 32kHz…10MHz *
Low power crystal/res., 32kHz…1MHz *
Low power crystal/resonator, 32kHz *
External RC circuit
OSCHS2
OSC4MHZ
OSC1MHZ
OSC128KHZ
OSC32KHZ
Specifies internal oscillator @ 4MHz
Specifies internal oscillator @ 1 MHz
Specifies internal oscillator @ 128 kHz
Specifies internal oscillator @ 32 kHz
4 MHz
IFBD
Disables the internal feedback resistor, i.e. an external feedback resistor is
required between the OSC1 and OSC2 pins
internal feedback
resistor enabled
XTLBUFD / DRIVEOFF
Disables the crystal drive (on OSC2 pin). Use this option to lower power
consumption when using a crystal-oscillator-pack connected only to OSC1
pin.
enabled
DRT18MS
DRT60MS
DRT960MS
DRT60US
Device reset timer waits 18 ms
Device reset timer waits 60 ms
Device reset timer waits 960 ms
Device reset timer waits 60 us
DRT18MS
BOR42
BOR26
BOR22
Brownout to trigger at < 4.2 volts
Brownout to trigger at < 2.6 volts
Brownout to trigger at < 2.2 volts
no brownout
TURBO
Specifies turbo mode (1:1 execution)
1:4 execution
STACKX_OPTIONX
Stack is extended to 8 levels and Option register is extended to 8 bits
2 levels/6 bits
CARRYX
ADD and SUB instructions use Carry flag as input*
Carry flag ignored
SYNC
Input Syncing enabled
Input Syncing
disabled
WATCHDOG
Watchdog Timer enabled
Watchdog disabled
PROTECT
Code Protect enabled
Code Protect
disabled
SLEEPCLOCK
Clock is enabled during sleep
No clock during sleep
* Many instructions are adversely affected by the carry flag when CARRYX is specified. See Appendix B (chapter 1) and
Appendix C (chapter 0) for more information.
Shaded areas indicate SX48/52-only directives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com